Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U6268B Datasheet(PDF) 8 Page - ATMEL Corporation

Part # U6268B
Description  Side-airbag Sensor Dual Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U6268B Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button U6268B Datasheet HTML 4Page - ATMEL Corporation U6268B Datasheet HTML 5Page - ATMEL Corporation U6268B Datasheet HTML 6Page - ATMEL Corporation U6268B Datasheet HTML 7Page - ATMEL Corporation U6268B Datasheet HTML 8Page - ATMEL Corporation U6268B Datasheet HTML 9Page - ATMEL Corporation U6268B Datasheet HTML 10Page - ATMEL Corporation U6268B Datasheet HTML 11Page - ATMEL Corporation U6268B Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
4808B–AUTO–09/05
U6268B
6.
Electrical Characteristics
T
amb = –40°C to +95°C and Tj = –40°C to +150°C,
Operation supply-voltage range VS = 5.7V to 18V continuously, VS ≤ 25V for maximum 25 min, VS ≤ 40V for up to 500 ms.
The current values are based on R = 750
Ω, 0%-resistor at OCM1/OCM2 pins.
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Supply Current
Tj ≥ 125°C
Outputs disabled, V
S ≤ 18V
I
S
8mA
Outputs disabled, V
S ≤ 40V
I
S
14
mA
One output enabled, V
S ≤ 18V
I
S
13
mA
Both outputs enabled, V
S ≤ 18V
I
S
18
mA
Output load 2
× 15 mA, V
S ≤ 18V
I
S
56
mA
Output load 2
× 28 mA, V
S ≤ 18V
I
S
90
mA
Output load 2
× 50 mA, V
S ≤ 18V
I
S
146
mA
Output load 2
× 60 mA,
V
S ≤ 18V (Tj > 125°C)
IS
171
mA
Both channels OUTx and RETURNx
shorted, VS ≤ 18V
I
S
200
mA
Function SC
Voltage at SC
VS = 5.7V
VSC
5.1
5.3
V
Voltage at SC
VS = 12.5V
VSC
99.4
V
Maximal voltage at SC
VS = 40V
VSCmax
30
V
SC-discharge current
Voltage SC = VSC – 3V
5.7V
≤ V
S ≤ 40V
I
SC_dis
33
82
µA
SC-charge current
Voltage SC = V
SC – 3V
5.7V
≤ V
S ≤ 40V
ISC_ch
–58
–20
µA
Function OUT1 and OUT2 (See Figure 3-1 on page 4)
Voltage difference, VS to VOUTx
IOUTx = 5 to 50 mA
5.7V
≤ V
S ≤ 8.5V
12V
≤ V
S ≤ 25V
Vdiff_low
V
diff_high
0.3
2.6
0.8
3.6
V
V
Output voltage OUTx
8.5V
≤ V
S ≤ 11.3V
V
OUT_med
7.7
V
Maximal voltage at OUTx
V
S = 40V
V
OUT_max
25
30
V
Current mirror ratio, IOCMx/IOUTx
V
S ≤ 40V, IOUTx = 5 to 15 mA
VS ≤ 25V, IOUTx = 15 to 50 mA
VS ≤ 40V, IOUTx = 15 to 50 mA
IOUT_ratio
0.09
0.10
0.097
0.12
0.11
0.11
Linearity of mirror ratio IOCMx/IOUTx
Ratio_lin
–5
5
%
Dynamic resistance OUTx
VS ≤ 40V
I
OUT = 15 to 50 mA
ROUT
212
Dynamic resistance
OUTx + RETURNx
V
S ≤ 40V
IOUT = 15 to 50 mA
RDyn
415
OUTx current limitation
(OUTx short to GND)
VS ≤ 18V
VS ≤ 40V
I
OUT_lim
–80
–105
–60
–60
mA
mA
Overcurrent detection level
Tj < 125°C
IOUT_det
–70
–51
mA
T
j ≥ 125°C
Always valid: current limitation is
higher than overcurrent detection
I
OUT_det
–60
–51
mA
Maximum OUTx current
(OUTx short to GND)
V
S = 14V, OCMx shorted to GND
I
OUT_max
–140
–85
mA


Similar Part No. - U6268B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6268B TEMIC-U6268B Datasheet
178Kb / 12P
   Side-Airbag Sensor Dual Interface
More results

Similar Description - U6268B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6268B TEMIC-U6268B Datasheet
178Kb / 12P
   Side-Airbag Sensor Dual Interface
logo
ON Semiconductor
CS2082 ONSEMI-CS2082 Datasheet
91Kb / 12P
   Dual Airbag Deployment ASIC
July, 2001 ??Rev. 7
logo
Freescale Semiconductor...
MC33789 FREESCALE-MC33789 Datasheet
3Mb / 80P
   Airbag System Basis Chip (SBC) with Power Supply and PSI5 Sensor Interface
MC33789FS FREESCALE-MC33789FS Datasheet
186Kb / 2P
   Airbag system basis chip (SBC) with power supply and PSI5 sensor interface
logo
IC-Haus GmbH
IC-DI ICHAUS-IC-DI Datasheet
55Kb / 15P
   DUAL SENSOR INTERFACE
logo
National Semiconductor ...
LM9040 NSC-LM9040 Datasheet
178Kb / 10P
   Dual Lambda Sensor Interface Amplifier
logo
ON Semiconductor
NCV1124 ONSEMI-NCV1124 Datasheet
92Kb / 8P
   Dual Variable?뭃eluctance Sensor Interface IC
April, 2006 ??Rev. 0
CS1124 ONSEMI-CS1124 Datasheet
96Kb / 8P
   Dual Variable?뭃eluctance Sensor Interface IC
February, 2006 ??Rev. 8
CS1124-D ONSEMI-CS1124-D Datasheet
89Kb / 8P
   Dual Variable-Reluctance Sensor Interface IC
April, 2001 ??Rev. 6
logo
ATMEL Corporation
ATA6264 ATMEL-ATA6264 Datasheet
1Mb / 83P
   Airbag Power Supply IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com