Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5278 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATA5278
Description  Stand-alone Antenna Driver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5278 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATA5278 Datasheet HTML 1Page - ATMEL Corporation ATA5278 Datasheet HTML 2Page - ATMEL Corporation ATA5278 Datasheet HTML 3Page - ATMEL Corporation ATA5278 Datasheet HTML 4Page - ATMEL Corporation ATA5278 Datasheet HTML 5Page - ATMEL Corporation ATA5278 Datasheet HTML 6Page - ATMEL Corporation ATA5278 Datasheet HTML 7Page - ATMEL Corporation ATA5278 Datasheet HTML 8Page - ATMEL Corporation ATA5278 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Features
SPI for Microcontroller Connection with Up to 1 Mbit/s
Internal Data Buffer for Timing-independent Data Transmission
Programmable Driver Current Regulation
One-chip Antenna Driver Stage for 1A Peak Current
LF Baud Rates Between 1 kbaud and 4 kbaud
Quick Start Control (QSC) for Fast Oscillation Build-up and Decay Timing
Integrated Oscillator for Ceramic Resonators
Power Supply Range from 7.5V to 16V Direct Battery Input
(Up to 28V With Limited Function Range)
Amplitude Shift Keying (ASK) Modulation
Phase Shift Keying (PSK) Modulation
Carrier Frequency Range from 100 kHz to 150 kHz
Operational Temperature –40°C to +105°C
EMI and ESD According to Automotive Requirements
Highly Integrated — Less External Components Required
Applications
Hands-free Car Access (Passive Entry/Go)
Tire Pressure Measurement
Home Access Control
Care Watch Systems
Benefits
Diagnosis Function and Overtemperature Protection
Load Dump Protection Up to 45V for 12V Boards
Power-down Mode for Minimum Power Consumption
1.
Description
The ATA5278 device is an integrated BCDMOS antenna driver IC dedicated as a
transmitter for Passive Entry/Go (PEG) car applications and for other hands-free
access control applications.
It includes the full functionality of generating a magnetic LF field in conjunction with an
antenna coil to transmit data to a receiver in a key fob, card or transponder. A micro-
controller can access the chip via a bi-directional serial interface.
Stand-alone
Antenna Driver
ATA5278
Rev. 4832C–RKE–02/06


Similar Part No. - ATA5278

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5278 ATMEL-ATA5278 Datasheet
484Kb / 33P
   STAND-ALONE ANTENNA DRIVER
ATA5278-PKQI ATMEL-ATA5278-PKQI Datasheet
603Kb / 34P
   Stand-alone Antenna Driver
ATA5278 ATMEL-ATA5278_07 Datasheet
603Kb / 34P
   Stand-alone Antenna Driver
More results

Similar Description - ATA5278

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5278 ATMEL-ATA5278_07 Datasheet
603Kb / 34P
   Stand-alone Antenna Driver
ATA5277 ATMEL-ATA5277 Datasheet
330Kb / 20P
   STAND-ALONE ANTENNA DRIVER
ATA5278 ATMEL-ATA5278 Datasheet
484Kb / 33P
   STAND-ALONE ANTENNA DRIVER
logo
Pulse A Technitrol Comp...
W3538 PULSE-W3538 Datasheet
1Mb / 6P
   Penta-Band Stand Alone PWB Antenna
W3538 PULSE-W3538_14 Datasheet
1Mb / 6P
   Penta-Band Stand Alone PWB Antenna
logo
Molex Electronics Ltd.
0479500011 MOLEX11-0479500011 Datasheet
109Kb / 6P
   2.4/ 5GHz Stand Alone Antenna (34.9mm*9mm)
0479501001 MOLEX11-0479501001 Datasheet
109Kb / 6P
   2.4/ 5GHz Stand Alone Antenna (34.9mm*9mm)
0479501011 MOLEX11-0479501011 Datasheet
109Kb / 6P
   2.4/ 5GHz Stand Alone Antenna (34.9mm*9mm)
PS-47950-011 MOLEX-PS-47950-011 Datasheet
105Kb / 6P
   2.4/ 5GHz Stand Alone Antenna (34.9mm*15.9mm)
2015-04-14
0479502001 MOLEX11-0479502001 Datasheet
109Kb / 6P
   2.4/ 5GHz Stand Alone Antenna (34.9mm*9mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com