Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5743 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATA5743
Description  UHF ASK/FSK Receiver
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5743 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATA5743 Datasheet HTML 3Page - ATMEL Corporation ATA5743 Datasheet HTML 4Page - ATMEL Corporation ATA5743 Datasheet HTML 5Page - ATMEL Corporation ATA5743 Datasheet HTML 6Page - ATMEL Corporation ATA5743 Datasheet HTML 7Page - ATMEL Corporation ATA5743 Datasheet HTML 8Page - ATMEL Corporation ATA5743 Datasheet HTML 9Page - ATMEL Corporation ATA5743 Datasheet HTML 10Page - ATMEL Corporation ATA5743 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
7
4839B–RKE–08/05
ATA5743
Figure 4-2.
Input Matching Network with SAW Filter
Figure 4-3.
Input Matching Network without SAW Filter
Please notice that for all coupling conditions (see Figure 4-2 and Figure 4-3), the bond wire
inductivity of the LNA ground is compensated. C3 forms a series resonance circuit together with
the bond wire. L = 25 nH is a feed inductor to establish a DC path. Its value is not critical, but
must be large enough not to detune the series resonance circuit. For cost reduction this inductor
can be easily printed on the PCB. This configuration improves the sensitivity of the receiver by
about 1 to 2 dB.
IN
OUT
GND
B3760
ATA5743
C3
22p
L
25n
C16
100p
68n
L2
TOKO LL2012
22n
2
1, 3, 4
6, 7, 8
5
8
9
RF
IN
f
RF = 433.92 MHz
LNAGND
LNA_IN
IN
OUT
GND
B3761
ATA5743
C3
27p
L
25n
C16
100p
120n
L2
TOKO LL2012
47n
2
1, 3, 4
6, 7, 8
5
8
9
RF
IN
f
RF = 315 MHz
LNAGND
LNA_IN
L3
TOKO LL2012
L3
TOKO LL2012
ATA5743
15p
25n
100p
1.5p
TOKO LL2012
F22NJ
33n
8
9
RFIN
f
RF = 433.92 MHz
LNAGND
LNA_IN
ATA5743
27p
25n
100p
2.7p
TOKO LL2012
F39NJ
47n
8
9
RF
IN
f
RF = 315 MHz
LNAGND
LNA_IN
C3
L
C17
L3
C16
C3
L
C16
C17
L3


Similar Part No. - ATA5743

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5744 ATMEL-ATA5744 Datasheet
315Kb / 20P
   UHF ASK Receiver
ATA5745 ATMEL-ATA5745 Datasheet
549Kb / 43P
   UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745 Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA5745-PXPW ATMEL-ATA5745-PXPW Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA5745-PXQW ATMEL-ATA5745-PXQW Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
More results

Similar Description - ATA5743

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
   UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
   UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
   UHF ASK/FSK Receiver
logo
TEMIC Semiconductors
U3741BM TEMIC-U3741BM Datasheet
429Kb / 25P
   UHF ASK/FSK Receiver
logo
ATMEL Corporation
ATA5782 ATMEL-ATA5782_14 Datasheet
755Kb / 20P
   UHF ASK/FSK Receiver
ATA5760 ATMEL-ATA5760 Datasheet
695Kb / 41P
   UHF ASK/FSK Receiver
ATA8201 ATMEL-ATA8201 Datasheet
552Kb / 44P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com