Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA3745 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATA3745
Description  UHF ASK/FSK Receiver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA3745 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATA3745 Datasheet HTML 1Page - ATMEL Corporation ATA3745 Datasheet HTML 2Page - ATMEL Corporation ATA3745 Datasheet HTML 3Page - ATMEL Corporation ATA3745 Datasheet HTML 4Page - ATMEL Corporation ATA3745 Datasheet HTML 5Page - ATMEL Corporation ATA3745 Datasheet HTML 6Page - ATMEL Corporation ATA3745 Datasheet HTML 7Page - ATMEL Corporation ATA3745 Datasheet HTML 8Page - ATMEL Corporation ATA3745 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
4901A–RKE–11/05
ATA3745
3.
RF Front End
The RF front end of the receiver is a heterodyne configuration that converts the input signal into
a 1-MHz IF signal. As shown in the block diagram, the front end consists of an LNA (low noise
amplifier), LO (local oscillator), a mixer and an RF amplifier.
The LO generates the carrier frequency for the mixer via a PLL synthesizer. The XTO (crystal
oscillator) generates the reference frequency f
XTO. The VCO (voltage-controlled oscillator) gen-
erates the drive voltage frequency f
LO for the mixer. fLO is dependent on the voltage at pin LF. fLO
is divided by a factor of 64. The divided frequency is compared to f
XTO by the phase frequency
detector. The current output of the phase frequency detector is connected to a passive loop filter
and thereby generates the control voltage V
LF for the VCO. By means of that configuration, VLF
is controlled such that f
LO / 64 is equal to fXTO. If fLO is determined, fXTO can be calculated using
the following formula:
The XTO is a one-pin oscillator that operates at the series resonance of the quartz crystal. Fig-
ure 3-1shows the proper layout, with the crystal connected to GND via a capacitor CL. The value
of that capacitor is recommended by the crystal supplier. The value of CL should be optimized
for the individual board layout to achieve the exact value of f
XTO and thereby of fLO. When
designing the system in terms of receiving bandwidth, the accuracy of the crystal and XTO must
be considered.
Figure 3-1.
PLL Peripherals
The passive loop filter connected to pin LF is designed for a loop bandwidth of B
Loop = 100 kHz.
This value for B
Loop exhibits the best possible noise performance of the LO. Figure 3-1 shows
the appropriate loop filter components to achieve the desired loop bandwidth. If the filter compo-
nents are changed for any reason, please note that the maximum capacitive load at pin LF is
limited. If the capacitive load is exceeded, a bit check may no longer be possible since f
LO can-
not settle in time before the bit check starts to evaluate the incoming data stream. Therefore, self
polling also does not work in that case.
f
LO is determined by the RF input frequency fRF and the IF frequency fIF using the following for-
mula:
f
XTO
f
LO
64
--------
=
DVCC
XTO
LF
LFVCC
LFGND
C
L
C10
R1
C9
V
S
R1 = 820
C9 = 4.7 nF
C10 = 1 nF
V
S
f
LO
f
RF
f
IF
=


Similar Part No. - ATA3745

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA3745 ATMEL-ATA3745 Datasheet
553Kb / 30P
   UHF ASK/FSK Receiver
ATA3745P3-TGQY ATMEL-ATA3745P3-TGQY Datasheet
553Kb / 30P
   UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745_07 Datasheet
553Kb / 30P
   UHF ASK/FSK Receiver
More results

Similar Description - ATA3745

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
   UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
   UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
   UHF ASK/FSK Receiver
logo
TEMIC Semiconductors
U3741BM TEMIC-U3741BM Datasheet
429Kb / 25P
   UHF ASK/FSK Receiver
logo
ATMEL Corporation
ATA5782 ATMEL-ATA5782_14 Datasheet
755Kb / 20P
   UHF ASK/FSK Receiver
ATA5760 ATMEL-ATA5760 Datasheet
695Kb / 41P
   UHF ASK/FSK Receiver
ATA8201 ATMEL-ATA8201 Datasheet
552Kb / 44P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com