Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXSC100X8 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXSC100X8
Description  SINGLE CELL DC-DC CONVERTER SOLUTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC100X8 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXSC100X8 Datasheet HTML 1Page - Zetex Semiconductors ZXSC100X8 Datasheet HTML 2Page - Zetex Semiconductors ZXSC100X8 Datasheet HTML 3Page - Zetex Semiconductors ZXSC100X8 Datasheet HTML 4Page - Zetex Semiconductors ZXSC100X8 Datasheet HTML 5Page - Zetex Semiconductors ZXSC100X8 Datasheet HTML 6Page - Zetex Semiconductors ZXSC100X8 Datasheet HTML 7Page - Zetex Semiconductors ZXSC100X8 Datasheet HTML 8Page - Zetex Semiconductors ZXSC100X8 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ZXSC100
SEMICO NDUC TORS
ISSUE 3 - JANUARY 2004
3
OPERATING CONDITIONS
Symbol
Parameter
Conditions
Min
Typ
Max
Units
FOSC
Recommended operating frequency
3
200
kHz
2 These parameters guaranteed by design and characterization
3 Operating frequency is application circuit dependant. See applications section
FMMT617
For the circuits described in the applications section, Zetex FMMT617 is the recommended pass transistor. The
following indicates outline data for the transistor, more detailed information can be found at www.zetex.com
ELECTRICAL CHARACTERISTICS (at TA = 25°C unless otherwise stated)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS
Collector-emitter breakdown voltage
V(BR)CEO
15
18
V
IC=10mA*
Collector-emitter saturation voltage
VCE(sat)
8
70
150
14
100
200
mV
mV
mV
IC=0.1A, IB=10mA*
IC=1A, IB=10mA*
IC=3A, IB=50mA*
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
ZHCS1000
For the circuits described in the applications section Zetex ZHCS1000 is the recommended Schottky diode. The
following indicates outline data for the ZHCS, more detailed information is available at www.zetex.com
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS
Forward voltage
VF
500
mV
IF=1A
Reverse current
IR
100
µA
VR=30V
Reverse recovery time
trr
12
ns
Switched from
IF = 500mA to
IR = 500mA.
Measured at IR=50mA
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%


Similar Part No. - ZXSC100X8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC100X8 ZETEX-ZXSC100X8 Datasheet
414Kb / 19P
   SINGLE CELL DC-DC CONVERTER SOLUTION
logo
Diodes Incorporated
ZXSC100X8 DIODES-ZXSC100X8 Datasheet
276Kb / 17P
   SINGLE CELL DC-DC CONVERTER SOLUTION
More results

Similar Description - ZXSC100X8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXSC100 DIODES-ZXSC100 Datasheet
276Kb / 17P
   SINGLE CELL DC-DC CONVERTER SOLUTION
logo
Zetex Semiconductors
ZXSC100 ZETEX-ZXSC100 Datasheet
414Kb / 19P
   SINGLE CELL DC-DC CONVERTER SOLUTION
logo
Linear Technology
LT1610 LINER-LT1610 Datasheet
209Kb / 16P
   1.7MHz, Single Cell Micropower DC/DC Converter
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
logo
Linear Technology
LT1610 LINER-LT1610_15 Datasheet
224Kb / 16P
   1.7MHz, Single Cell Micropower DC/DC Converter
LTC1502-3.3 LINER-LTC1502-3.3 Datasheet
171Kb / 8P
   Single Cell to 3.3V Regulated Charge Pump DC/DC Converter
logo
ams AG
AS1323 AMSCO-AS1323_1 Datasheet
665Kb / 14P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
logo
Linear Technology
LT1308 LINER-LT1308 Datasheet
266Kb / 8P
   Single Cell High Current Micropower 600kHz Boost DC/DC Converter
logo
ams AG
AS1323 AMSCO-AS1323 Datasheet
342Kb / 13P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
logo
Sipex Corporation
SP6642 SIPEX-SP6642 Datasheet
248Kb / 4P
   Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com