Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C256B Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT24C256B
Description  Two-wire Serial EEPROM 256K (32,768 x 8)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C256B Datasheet(HTML) 1 Page - ATMEL Corporation

  AT24C256B Datasheet HTML 1Page - ATMEL Corporation AT24C256B Datasheet HTML 2Page - ATMEL Corporation AT24C256B Datasheet HTML 3Page - ATMEL Corporation AT24C256B Datasheet HTML 4Page - ATMEL Corporation AT24C256B Datasheet HTML 5Page - ATMEL Corporation AT24C256B Datasheet HTML 6Page - ATMEL Corporation AT24C256B Datasheet HTML 7Page - ATMEL Corporation AT24C256B Datasheet HTML 8Page - ATMEL Corporation AT24C256B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
Features
Low-voltage and Standard-voltage Operation
– 1.8 (VCC = 1.8V to 3.6V)
Internally Organized as 32,768 x 8
Two-wire Serial Interface
Schmitt Trigger, Filtered Inputs for Noise Suppression
Bidirectional Data Transfer Protocol
1 MHz (3.6V, 2.7V, 2.5V), and 400 kHz (1.8V) Compatibility
Write Protect Pin for Hardware and Software Data Protection
64-byte Page Write Mode (Partial Page Writes Allowed)
Self-timed Write Cycle (5 ms Max)
High Reliability
– Endurance: One Million Write Cycles
– Data Retention: 40 Years
Lead-free/Halogen-free Devices Available
8-lead JEDEC PDIP, 8-lead JEDEC SOIC, EIAJ SOIC, 8-lead MAP, 8-lead Ultra Thin
Small Array Package (SAP), 8-lead TSSOP, and 8-ball dBGA2 Packages
Die Sales: Wafer Form, Waffle Pack and Bumped Wafers
Description
The AT24C256B provides 262,144 bits of serial electrically erasable and programma-
ble read-only memory (EEPROM) organized as 32,768 words of 8 bits each. The
device’s cascadable feature allows up to eight devices to share a common two-wire
bus. The device is optimized for use in many industrial and commercial applications
where low-power and low-voltage operation are essential. The devices are available
in space-saving 8-lead JEDEC PDIP, 8-lead JEDEC SOIC, 8-lead MAP, 8-lead Ultra
Thin SAP, 8-lead TSSOP, and 8-ball dBGA2 packages. In addition, the entire family is
available in a 1.8V (1.8V to 3.6V) version.
Two-wire Serial
EEPROM
256K (32,768 x 8)
AT24C256B
Rev. 5080B–SEEPR–1/07
Table 1. Pin Configurations
Pin Name
Function
A0–A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
NC
No Connect
GND
Ground
A0
A1
A2
GND
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
8
7
6
5
1
2
3
4
A0
A1
A2
GND
8
7
6
5
1
2
3
4
VCC
WP
SCL
SDA
A0
A1
A2
GND
8-lead PDIP
8-lead SOIC
8-lead dBGA2
A0
A1
A2
GND
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
8-lead TSSOP
Bottom View
8
7
6
5
1
2
3
4
VCC
WP
SCL
SDA
A0
A1
A2
GND
8-lead MAP
Bottom View
8
7
6
5
1
2
3
4
VCC
WP
SCL
SDA
A0
A1
A2
GND
8-lead Ultra Thin SAP
Bottom View


Similar Part No. - AT24C256B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256B ATMEL-AT24C256B Datasheet
563Kb / 18P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256B ATMEL-AT24C256B Datasheet
980Kb / 24P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256B ATMEL-AT24C256B Datasheet
726Kb / 24P
   Two-wire Serial EEPROM
AT24C256B-10PU-1.8 ATMEL-AT24C256B-10PU-1.8 Datasheet
563Kb / 18P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256B-10TU-1.8 ATMEL-AT24C256B-10TU-1.8 Datasheet
563Kb / 18P
   Two-wire Serial EEPROM 256K (32,768 x 8)
More results

Similar Description - AT24C256B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256B ATMEL-AT24C256B Datasheet
563Kb / 18P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256B ATMEL-AT24C256B_08 Datasheet
980Kb / 24P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256C ATMEL-AT24C256C Datasheet
416Kb / 23P
   Two-wire Serial EEPROM 256K (32,768 x 8)
logo
AiT Semiconductor Inc.
A24C256 AITSEMI-A24C256 Datasheet
710Kb / 19P
   MEMORY EEPROM 256k bits (32768 X 8) TWO-WIRE SERIAL
REV2.2
logo
ATMEL Corporation
AT24C128SC ATMEL-AT24C128SC Datasheet
261Kb / 13P
   Two-wire Serial EEPROM Smart Card Modules 128K (16,384 x 8) 256 (32,768 x 8)
logo
Renesas Technology Corp
R1EX24256BSAS0G RENESAS-R1EX24256BSAS0G Datasheet
509Kb / 18P
   Two-wire serial interface 256k EEPROM
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A_15 Datasheet
417Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword ??8-bit)
logo
ATMEL Corporation
AT24C1024B ATMEL-AT24C1024B_08 Datasheet
1Mb / 25P
   Two-wire Serial EEPROM 1M (131,072 x 8)
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
AT24C164 ATMEL-AT24C164_06 Datasheet
441Kb / 17P
   Two-Wire Serial EEPROM 16K (2048 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com