Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXSC380 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZXSC380
Description  Single or multi cell LED driver solution
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC380 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXSC380 Datasheet HTML 1Page - Zetex Semiconductors ZXSC380 Datasheet HTML 2Page - Zetex Semiconductors ZXSC380 Datasheet HTML 3Page - Zetex Semiconductors ZXSC380 Datasheet HTML 4Page - Zetex Semiconductors ZXSC380 Datasheet HTML 5Page - Zetex Semiconductors ZXSC380 Datasheet HTML 6Page - Zetex Semiconductors ZXSC380 Datasheet HTML 7Page - Zetex Semiconductors ZXSC380 Datasheet HTML 8Page - Zetex Semiconductors ZXSC380 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ZXSC380
Issue 1 - March 2007
5
www.zetex.com
© Zetex Semiconductors plc 2007
Device description
The ZXSC380 is non-synchronous PFM, DC-DC controller IC which, with a high performance
internal transistor, for a high efficiency boost converter for use in single cell applications. A block
diagram is shown in Figure 1.
Figure 1 ZXSC380 Block diagram
The on chip comparator forces the driver circuit and therefore the internal switching transistor to
switch off when the voltage at ISENSE exceeds 20mV. This threshold is set by an internal reference
circuit and divider. The voltage at ISENSE is taken from a current sense resistor connected in series
with the emitter of the switching transistor. This resistor is chosen to give 20mV at ISENSE for an
emitter current of 80mA.
A monostable following the output of the comparator forces the turn-off time of the output stage
to be typically 2.2 s. This ensures that there is sufficient time to discharge a significant proportion
of the energy stored in the inductor coil before the next On period.
With every On pulse the switching transistor is kept on until the voltage across the current-sense
resistor exceeds the threshold of the ISENSE input. The On-pulse length, and therefore the
switching frequency, is determined by the programmed peak current, the input voltage and the
input to output voltage differential. See applications section for details.
The Driver circuit supplies the internal switching transistor with a fixed drive current. To maximize
efficiency the internal transistor is switched quickly, typically being switched off within 30ns.
R1
R2
R
SENSE
+
-
+
V
REF
GND
I
SENSE
R1
R2
R
SENSE
+
-
+
V
REF
GND
I
SENSE
V
CC
V
CC
1
2
3
V
OUT
V
OUT


Similar Part No. - ZXSC380

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXSC380 DIODES-ZXSC380 Datasheet
389Kb / 10P
   Single or multi cell LED driver solution
ZXSC380FH DIODES-ZXSC380FH Datasheet
389Kb / 10P
   Single or multi cell LED driver solution
More results

Similar Description - ZXSC380

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD381 ZETEX-ZXLD381 Datasheet
172Kb / 8P
   Single or Multi Cell LED Driver Solution
logo
Diodes Incorporated
ZXLD383 DIODES-ZXLD383 Datasheet
160Kb / 10P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
DS32189 Rev. 3 - 2
logo
Zetex Semiconductors
ZXSC300 ZETEX-ZXSC300 Datasheet
154Kb / 12P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
logo
Diodes Incorporated
ZXLD381 DIODES-ZXLD381 Datasheet
210Kb / 9P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
DS32189 Rev. 3 - 2
ZXSC300 DIODES-ZXSC300 Datasheet
181Kb / 12P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
logo
Zetex Semiconductors
ZXSC300 ZETEX-ZXSC300_06 Datasheet
190Kb / 12P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
logo
Diodes Incorporated
ZXSC380 DIODES-ZXSC380 Datasheet
389Kb / 10P
   Single or multi cell LED driver solution
logo
Linear Technology
LTC3490 LINER-LTC3490 Datasheet
160Kb / 12P
   Single Cell 350mA LED Driver
LTC3490 LINER-LTC3490_15 Datasheet
169Kb / 12P
   Single Cell 350mA LED Driver
logo
Zetex Semiconductors
ZXLD383 ZETEX-ZXLD383 Datasheet
283Kb / 10P
   Single or multi cell LED driver with enable/rectifier input for solar charged lamp applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com