Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXSC440 Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZXSC440
Description  PHOTOFLASH CHARGER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC440 Datasheet(HTML) 7 Page - Zetex Semiconductors

Back Button ZXSC440_05 Datasheet HTML 3Page - Zetex Semiconductors ZXSC440_05 Datasheet HTML 4Page - Zetex Semiconductors ZXSC440_05 Datasheet HTML 5Page - Zetex Semiconductors ZXSC440_05 Datasheet HTML 6Page - Zetex Semiconductors ZXSC440_05 Datasheet HTML 7Page - Zetex Semiconductors ZXSC440_05 Datasheet HTML 8Page - Zetex Semiconductors ZXSC440_05 Datasheet HTML 9Page - Zetex Semiconductors ZXSC440_05 Datasheet HTML 10Page - Zetex Semiconductors ZXSC440_05 Datasheet HTML 11Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Transformer parameters
Proprietary transformers are available, for example the
Pulse PAO367, Primary inductance: 24uH, Core: Pulse
PAO367, Turns ratio: 1:12, see Bill of Materials below. If
designing a transformer, bear in mind that the primary
current may be over an amp and, if this flows through
10 turns, the primary flux will be 10 Amp. Turns and
small cores will need an air gap to cope with this value
without saturation.
Secondary winding capacitance
should not be too high as this is working at 300V and
could soon cause excessive losses.
ZXSC440
SEMICO NDUC TORS
ISSUE 1 - JANUARY 2005
7
Part No.
Size
(WxLxH) mm
LPRI
( H)
LPRI -LEAK
(nH)
NRPRI
(m )
RSEC
( )
Manufacturer
T-15-089
6.4x7.7x4
12
400
10:2
211
27
Tokyo Coil Eng.
www.tokyo-coil.co.jp
T-15-083
8x8.9x2
20
500
10:2
675
35
SBL-5.6-1
5.6x8.5x4
10
200
10:2
103
26
Kijima Musen
Kijimahk@netvigator.com
PAO367
9.1x9.1x5.1
24
12:1
Pulse
www.pulseeng.com
ZXSC440 Transformer specifications


Similar Part No. - ZXSC440_05

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC440X8TA ZETEX-ZXSC440X8TA Datasheet
165Kb / 13P
   PHOTOFLASH CHARGER
logo
Diodes Incorporated
ZXSC440X8TA DIODES-ZXSC440X8TA Datasheet
161Kb / 16P
   PHOTOFLASH CHARGER
ZXSC440X8TA DIODES-ZXSC440X8TA Datasheet
483Kb / 17P
   DC-DC BOOST SWITCHING CONTROLLERS
ZXSC440X8TA DIODES-ZXSC440X8TA Datasheet
512Kb / 17P
   DC-DC BOOST SWITCHING CONTROLLERS
logo
Zetex Semiconductors
ZXSC440X8TC ZETEX-ZXSC440X8TC Datasheet
165Kb / 13P
   PHOTOFLASH CHARGER
More results

Similar Description - ZXSC440_05

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXSC440 DIODES-ZXSC440 Datasheet
161Kb / 16P
   PHOTOFLASH CHARGER
logo
Zetex Semiconductors
ZXSC440 ZETEX-ZXSC440 Datasheet
165Kb / 13P
   PHOTOFLASH CHARGER
logo
Aimtron Technology
AT1454 AIMTRON-AT1454 Datasheet
494Kb / 18P
   Photoflash Capacitor Charger for DSC
logo
Global Mixed-mode Techn...
G2109 GMT-G2109 Datasheet
25Kb / 1P
   Photoflash Capacitor Charger for DSC
logo
Aimtron Technology
AT1452 AIMTRON-AT1452 Datasheet
604Kb / 17P
   Photoflash Capacitor Charger for DSC
logo
Allegro MicroSystems
A8425 ALLEGRO-A8425 Datasheet
439Kb / 16P
   High Current Photoflash Capacitor Charger
logo
Aimtron Technology
AT1453 AIMTRON-AT1453 Datasheet
643Kb / 19P
   Photoflash Capacitor Charger for DSC
logo
Linear Technology
LT3468 LINER-LT3468 Datasheet
302Kb / 12P
   Photoflash Capacitor Charger in ThinSOT
logo
Global Mixed-mode Techn...
G2132 GMT-G2132 Datasheet
25Kb / 1P
   Photoflash Capacitor Charger for DSC
logo
Aimtron Technology
AT1450 AIMTRON-AT1450 Datasheet
318Kb / 10P
   Photoflash Capacitor Charger for DSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com