Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C11 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT24C11
Description  Two-wire Automotive Temperature Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C11 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT24C11 Datasheet HTML 1Page - ATMEL Corporation AT24C11 Datasheet HTML 2Page - ATMEL Corporation AT24C11 Datasheet HTML 3Page - ATMEL Corporation AT24C11 Datasheet HTML 4Page - ATMEL Corporation AT24C11 Datasheet HTML 5Page - ATMEL Corporation AT24C11 Datasheet HTML 6Page - ATMEL Corporation AT24C11 Datasheet HTML 7Page - ATMEL Corporation AT24C11 Datasheet HTML 8Page - ATMEL Corporation AT24C11 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Features
Low Voltage and Standard Voltage Operation: 2.7 (V
CC = 2.7V to 5.5V)
Internally Organized 128 x 8
Two-wire Serial Interface
Bidirectional Data Transfer Protocol
1 MHz Compatibility
4-Byte Page Write Mode
Self-Timed Write Cycle (5 ms max)
High Reliability
– Endurance: 1 Million Write Cycles
– Data Retention: 100 Years
Automotive Grade and Lead-Free/Halogen-Free Devices Available
8-lead JEDEC SOIC and 8-lead TSSOP Packages
Description
The AT24C11 provides 1024 bits of serial electrically erasable and programmable
read only memory (EEPROM) organized as 128 words of 8 bits each. The device is
optimized for use in many automotive applications where low power and low voltage
operation are essential. The AT24C11 is available in space saving 8-lead JEDEC
SOIC and 8-lead TSSOP packages and is accessed via a Two-wire serial interface. In
addition, the entire family is available in 2.7V (2.7V to 5.5V).
Table 1. Pin Configuration
Pin Name
Function
NC
No Connect
SDA
Serial Data
SCL
Serial Clock Input
TEST
Test Input (GND or VCC)
Two-wire
Automotive
Temperature
Serial EEPROM
1K (128 x 8)
AT24C11
Rev. 5093D–SEEPR–2/07
8-lead SOIC
1
2
3
4
8
7
6
5
NC
NC
NC
GND
VCC
TEST
SCL
SDA
8-lead TSSOP
1
2
3
4
8
7
6
5
NC
NC
NC
GND
VCC
TEST
SCL
SDA


Similar Part No. - AT24C11

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C11-10PU-1.8 ATMEL-AT24C11-10PU-1.8 Datasheet
503Kb / 15P
   Two-wire Serial EEPROM
AT24C11 ATMEL-AT24C11_14 Datasheet
503Kb / 13P
   Low Voltage and Standard Voltage Operation
AT24C11 ATMEL-AT24C11_14 Datasheet
540Kb / 13P
   Automotive Grade and Lead-Free/Halogen-Free Devices Available
More results

Similar Description - AT24C11

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_09 Datasheet
493Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_09 Datasheet
399Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02A ATMEL-AT24C02A_07 Datasheet
592Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02B_0701 ATMEL-AT24C02B_0701 Datasheet
512Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24HC02B_0701 ATMEL-AT24HC02B_0701 Datasheet
504Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C01A ATMEL-AT24C01A_07 Datasheet
495Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
AT24C32A ATMEL-AT24C32A_05 Datasheet
281Kb / 17P
   Two-wire Automotive Serial EEPROM
AT24C01A ATMEL-AT24C01A_04 Datasheet
300Kb / 19P
   Two-wire Automotive Serial EEPROM
AT24C04A ATMEL-AT24C04A Datasheet
523Kb / 20P
   Two-wire Serial EEPROM Extended Temperature
AT24C01B ATMEL-AT24C01B_14 Datasheet
723Kb / 18P
   2-Wire Automotive Temperature Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com