Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT93C86A_0702 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT93C86A_0702
Description  Three-wire Automotive Temperature Serial EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C86A_0702 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT93C86A_0702 Datasheet HTML 1Page - ATMEL Corporation AT93C86A_0702 Datasheet HTML 2Page - ATMEL Corporation AT93C86A_0702 Datasheet HTML 3Page - ATMEL Corporation AT93C86A_0702 Datasheet HTML 4Page - ATMEL Corporation AT93C86A_0702 Datasheet HTML 5Page - ATMEL Corporation AT93C86A_0702 Datasheet HTML 6Page - ATMEL Corporation AT93C86A_0702 Datasheet HTML 7Page - ATMEL Corporation AT93C86A_0702 Datasheet HTML 8Page - ATMEL Corporation AT93C86A_0702 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
AT93C86A
5096D–SEEPR–2/07
Note:
1. This parameter is characterized and is not 100% tested.
Table 4. AC Characteristics
Applicable over recommended operating range from TA = –40°C to +125°C, VCC = As Specified,
CL = 1 TTL Gate and 100 pF (unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
fSK
SK Clock
Frequency
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
0
0
2
1
MHz
tSKH
SK High Time
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
250
250
ns
tSKL
SK Low Time
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
250
250
ns
tCS
Minimum CS
Low Time
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
250
250
ns
tCSS
CS Setup Time
Relative to SK
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
50
50
ns
tDIS
DI Setup Time
Relative to SK
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
100
100
ns
tCSH
CS Hold Time
Relative to SK
0
ns
tDIH
DI Hold Time
Relative to SK
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
100
100
ns
tPD1
Output Delay to ‘1’
AC Test
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
250
500
ns
tPD0
Output Delay to ‘0’
AC Test
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
250
500
ns
tSV
CS to Status Valid
AC Test
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
250
250
ns
tDF
CS to DO in High
Impedance
AC Test
CS = VIL
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
100
150
ns
tWP
Write Cycle Time
2.7V
≤ V
CC ≤ 5.5V
0.1
4
10
ms
Endurance(1)
5.0V, 25°C
1M
Write Cycles


Similar Part No. - AT93C86A_0702

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C86A ATMEL-AT93C86A_07 Datasheet
721Kb / 18P
   Three-wire Serial EEPROM
More results

Similar Description - AT93C86A_0702

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46A ATMEL-AT93C46A_07 Datasheet
516Kb / 14P
   Three-wire Automotive Temperature Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_09 Datasheet
399Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02A ATMEL-AT24C02A_07 Datasheet
592Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C11 ATMEL-AT24C11 Datasheet
392Kb / 14P
   Two-wire Automotive Temperature Serial EEPROM
AT24C01B ATMEL-AT24C01B_14 Datasheet
723Kb / 18P
   2-Wire Automotive Temperature Serial EEPROM
AT24C02B ATMEL-AT24C02B_14 Datasheet
723Kb / 18P
   2-Wire Automotive Temperature Serial EEPROM
AT24C02B_0701 ATMEL-AT24C02B_0701 Datasheet
512Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24C01B ATMEL-AT24C01B_09 Datasheet
493Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
AT24C01A ATMEL-AT24C01A_07 Datasheet
495Kb / 20P
   Two-wire Automotive Temperature Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_14 Datasheet
770Kb / 19P
   2-wire Automotive Temperature Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com