Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25512 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT25512
Description  SPI Serial EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25512 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT25512 Datasheet HTML 1Page - ATMEL Corporation AT25512 Datasheet HTML 2Page - ATMEL Corporation AT25512 Datasheet HTML 3Page - ATMEL Corporation AT25512 Datasheet HTML 4Page - ATMEL Corporation AT25512 Datasheet HTML 5Page - ATMEL Corporation AT25512 Datasheet HTML 6Page - ATMEL Corporation AT25512 Datasheet HTML 7Page - ATMEL Corporation AT25512 Datasheet HTML 8Page - ATMEL Corporation AT25512 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
AT25512
5165A–SEEPR–1/07
Note:
1. VIL min and VIH max are reference only and are not tested.
Table 3. DC Characteristics
Applicable over recommended operating range from TAI = 40°C to +85°C, VCC = +1.8V to +3.6V,
VCC = +1.8V to +3.6V(unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC1
Supply Voltage
1.8
3.6
V
ICC1
Supply Current
VCC = 3.6V at 10 MHz,
SO = Open, Read, Write
5.0
7.0
mA
ICC2
Supply Current
VCC = 3.6V at 1 MHz,
SO = Open, Read, Write
2.2
3.5
mA
ISB1
Standby Current
VCC = 1.8V, CS = VCC
0.2
3.0
µA
ISB2
Standby Current
VCC = 2.7V, CS = VCC
0.5
3.0
µA
ISB3
Standby Current
VCC = 3.6V, CS = VCC
2.0
5.0
µA
IIL
Input Leakage
VIN = 0V to VCC
−3.0
3.0
µA
IOL
Output Leakage
VIN = 0V to VCC, TAC = 0°C to 70°C
−3.0
3.0
µA
VIL(1)
Input Low-voltage
−1.0
VCC x 0.3
V
VIH
(1)
Input High-voltage
VCC x 0.7
VCC + 0.5
V
VOL1
Output Low-voltage
1.8V
≤ V
CC ≤ 3.6V
IOL = 0.15 mA
0.2
V
VOH1
Output High-voltage
IOH = −100 µA
VCC −0.2
V
Table 4. AC Characteristics
Applicable over recommended operating range from TAI = 40°C to + 85°C, VCC = As Specified, CL = 1 TTL Gate and 30 pF
(unless otherwise noted)
Symbol
Parameter
Voltage
Min
Max
Units
fSCK
SCK Clock Frequency
2.7
−3.6
1.8
−3.6
0
0
10
5
MHz
tRI
Input Rise Time
2.7
−3.6
1.8
−3.6
2
2
µs
tFI
Input Fall Time
2.7
−3.6
1.8
−3.6
2
2
µs
tWH
SCK High Time
2.7
−3.6
1.8
−3.6
40
80
ns
tWL
SCK Low Time
2.7
−3.6
1.8
−3.6
40
80
ns
tCS
CS High Time
2.7
−3.6
1.8
−3.6
100
200
ns
tCSS
CS Setup Time
2.7
−3.6
1.8
−3.6
100
200
ns
tCSH
CS Hold Time
2.7
−3.6
1.8
−3.6
100
200
ns
tSU
Data In Setup Time
2.7
−3.6
1.8
−3.6
10
20
ns


Similar Part No. - AT25512

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25512 ATMEL-AT25512 Datasheet
570Kb / 21P
   SPI Serial EEPROM 512K (65,536 x 8)
AT25512-TH-B ATMEL-AT25512-TH-B Datasheet
570Kb / 21P
   SPI Serial EEPROM 512K (65,536 x 8)
AT25512-TH-T ATMEL-AT25512-TH-T Datasheet
570Kb / 21P
   SPI Serial EEPROM 512K (65,536 x 8)
AT25512-W-11 ATMEL-AT25512-W-11 Datasheet
570Kb / 21P
   SPI Serial EEPROM 512K (65,536 x 8)
AT25512N-SH-B ATMEL-AT25512N-SH-B Datasheet
570Kb / 21P
   SPI Serial EEPROM 512K (65,536 x 8)
More results

Similar Description - AT25512

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25040B-SSHL-B ATMEL-AT25040B-SSHL-B Datasheet
1Mb / 27P
   SPI Serial EEPROM
logo
List of Unclassifed Man...
FT25C32A ETC2-FT25C32A Datasheet
195Kb / 16P
   SPI Serial EEPROM
logo
ATMEL Corporation
AT25M01 ATMEL-AT25M01_14 Datasheet
763Kb / 21P
   SPI Serial EEPROM
AT25640B ATMEL-AT25640B_14 Datasheet
872Kb / 24P
   SPI Serial EEPROM
AT25020B ATMEL-AT25020B_14 Datasheet
791Kb / 22P
   SPI Serial EEPROM
logo
List of Unclassifed Man...
FT25C64A ETC2-FT25C64A Datasheet
239Kb / 16P
   SPI Serial EEPROM
logo
ATMEL Corporation
AT25040B-SSHL-T ATMEL-AT25040B-SSHL-T Datasheet
1Mb / 27P
   SPI Serial EEPROM
AT25512 ATMEL-AT25512_14 Datasheet
726Kb / 21P
   SPI Serial EEPROM
AT25256B ATMEL-AT25256B_14 Datasheet
770Kb / 22P
   SPI Serial EEPROM
AT25320B ATMEL-AT25320B_14 Datasheet
872Kb / 24P
   SPI Serial EEPROM
AT25010A ATMEL-AT25010A_06 Datasheet
559Kb / 22P
   SPI Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com