Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C32C Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT24C32C
Description  2-Wire Serial EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C32C Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT24C32C Datasheet HTML 5Page - ATMEL Corporation AT24C32C Datasheet HTML 6Page - ATMEL Corporation AT24C32C Datasheet HTML 7Page - ATMEL Corporation AT24C32C Datasheet HTML 8Page - ATMEL Corporation AT24C32C Datasheet HTML 9Page - ATMEL Corporation AT24C32C Datasheet HTML 10Page - ATMEL Corporation AT24C32C Datasheet HTML 11Page - ATMEL Corporation AT24C32C Datasheet HTML 12Page - ATMEL Corporation AT24C32C Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
AT24C32C/64C [Preliminary]
5174B–SEEPR–12/06
Device
Addressing
The 32K/64K EEPROM requires an 8-bit device address word following a start condition to
enable the chip for a read or write operation (see Figure 1 on page 11). The device address
word consists of a mandatory one, zero sequence for the first four most significant bits as
shown. This is common to all 2-wire EEPROM devices.
The 32K/64K uses the three device address bits A2, A1, A0 to allow as many as eight devices
on the same bus. These bits must compare to their corresponding hardwired input pins. The
A2, A1, and A0 pins use an internal proprietary circuit that biases them to a logic low condition
if the pins are allowed to float.
The eighth bit of the device address is the read/write operation select bit. A read operation is
initiated if this bit is high and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a zero. If a compare is not
made, the device will return to standby state.
DATA SECURITY: The AT24C32C/64C has a hardware data protection scheme that allows
the user to write protect the entire memory when the WP pin is at VCC.
Write
Operations
BYTE WRITE: A write operation requires two 8-bit data word addresses following the device
address word and acknowledgment. Upon receipt of this address, the EEPROM will again
respond with a zero and then clock in the first 8-bit data word. Following receipt of the 8-bit
data word, the EEPROM will output a zero and the addressing device, such as a microcontrol-
ler, must terminate the write sequence with a stop condition. At this time the EEPROM enters
an internally-timed write cycle, tWR, to the nonvolatile memory. All inputs are disabled during
this write cycle and the EEPROM will not respond until the write is complete (see Figure 2 on
page 11).
PAGE WRITE: The 32K/64K EEPROM is capable of 32-byte page writes.
A page write is initiated the same way as a byte write, but the microcontroller does not send a
stop condition after the first data word is clocked in. Instead, after the EEPROM acknowledges
receipt of the first data word, the microcontroller can transmit up to 31 more data words. The
EEPROM will respond with a zero after each data word received. The microcontroller must ter-
minate the page write sequence with a stop condition (see Figure 3 on page 11).
The data word address lower 5 bits are internally incremented following the receipt of each
data word. The higher data word address bits are not incremented, retaining the memory page
row location. When the word address, internally generated, reaches the page boundary, the
following byte is placed at the beginning of the same page. If more than 32 data words are
transmitted to the EEPROM, the data word address will “roll over” and previous data will be
overwritten.
ACKNOWLEDGE POLLING: Once the internally-timed write cycle has started and the
EEPROM inputs are disabled, acknowledge polling can be initiated. This involves sending a
start condition followed by the device address word. The read/write bit is representative of the
operation desired. Only if the internal write cycle has completed will the EEPROM respond
with a zero, allowing the read or write sequence to continue.


Similar Part No. - AT24C32C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32C ATMEL-AT24C32C Datasheet
812Kb / 28P
   2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32C-PU ATMEL-AT24C32C-PU Datasheet
812Kb / 28P
   2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32C-TH-B ATMEL-AT24C32C-TH-B Datasheet
812Kb / 28P
   2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32C-TH-T ATMEL-AT24C32C-TH-T Datasheet
812Kb / 28P
   2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
AT24C32CD3-DH-T ATMEL-AT24C32CD3-DH-T Datasheet
812Kb / 28P
   2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
More results

Similar Description - AT24C32C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01A ATMEL-AT24C01A Datasheet
260Kb / 24P
   2-Wire Serial EEPROM
AT24C02A ATMEL-AT24C02A Datasheet
182Kb / 13P
   2-Wire Serial EEPROM
AT24C32 ATMEL-AT24C32 Datasheet
237Kb / 15P
   2-Wire Serial EEPROM
AT24C512 ATMEL-AT24C512 Datasheet
249Kb / 12P
   2-wire Serial EEPROM
logo
GTM CORPORATION
GP24BC01 GTM-GP24BC01 Datasheet
264Kb / 9P
   2-WIRE SERIAL EEPROM
logo
ATMEL Corporation
AT24C32 ATMEL-AT24C32_03 Datasheet
207Kb / 19P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21_03 Datasheet
223Kb / 17P
   2-wire Serial EEPROM
AT24C01 ATMEL-AT24C01 Datasheet
153Kb / 10P
   2-Wire Serial EEPROM
AT24C164 ATMEL-AT24C164 Datasheet
188Kb / 11P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21 Datasheet
252Kb / 13P
   2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com