Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT93C46E Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT93C46E
Description  Three-wire Serial EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C46E Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT93C46E Datasheet HTML 6Page - ATMEL Corporation AT93C46E Datasheet HTML 7Page - ATMEL Corporation AT93C46E Datasheet HTML 8Page - ATMEL Corporation AT93C46E Datasheet HTML 9Page - ATMEL Corporation AT93C46E Datasheet HTML 10Page - ATMEL Corporation AT93C46E Datasheet HTML 11Page - ATMEL Corporation AT93C46E Datasheet HTML 12Page - ATMEL Corporation AT93C46E Datasheet HTML 13Page - ATMEL Corporation AT93C46E Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
AT93C46E [Preliminary]
5207A–SEEPR–1/07
Notes: 1. “B” denotes bulk.
2. “-T” denotes tape and reel. SOIC = 4K per reel. TSSOP = 5K per reel.
AT93C46E Ordering Information
Ordering Code
Package
Operation Range
AT93C46E-PU (Bulk Form only)
AT93C46EN-SH-B(1) (NiPdAu Lead Finish)
AT93C46EN-SH-T(2) (NiPdAu Lead Finish)
AT93C46E-TH-B(1) (NiPdAu Lead Finish)
AT93C46E-TH-T(2) (NiPdAu Lead Finish)
8P3
8S1
8S1
8A2
8A2
Lead-free/Halogen-free/
Industrial Temperature
(
−40°C to 85°C)
Package Type
8P3
8-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
8S1
8-lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC)
8A2
8-lead, 0.170" Wide, Thin Small Outline Package (TSSOP)
Options
−1.8
Low Voltage (1.8V to 5.5V)


Similar Part No. - AT93C46E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46E ATMEL-AT93C46E Datasheet
682Kb / 15P
   Three-wire Serial EEPROM 1K (64 x 16)
AT93C46E-PU ATMEL-AT93C46E-PU Datasheet
682Kb / 15P
   Three-wire Serial EEPROM 1K (64 x 16)
AT93C46E-TH-B ATMEL-AT93C46E-TH-B Datasheet
682Kb / 15P
   Three-wire Serial EEPROM 1K (64 x 16)
AT93C46E-TH-T ATMEL-AT93C46E-TH-T Datasheet
682Kb / 15P
   Three-wire Serial EEPROM 1K (64 x 16)
AT93C46EN-SH-B ATMEL-AT93C46EN-SH-B Datasheet
682Kb / 15P
   Three-wire Serial EEPROM 1K (64 x 16)
More results

Similar Description - AT93C46E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46A ATMEL-AT93C46A Datasheet
430Kb / 15P
   Three-wire Serial EEPROM
AT93C56A ATMEL-AT93C56A_06 Datasheet
479Kb / 20P
   Three-wire Serial EEPROM
AT93C46 ATMEL-AT93C46_07 Datasheet
535Kb / 18P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46A ACE-ACE93C46A Datasheet
1Mb / 16P
   Three-wire Serial EEPROM
VER 1.3
logo
E-CMOS Corporation
EC93C56A E-CMOS-EC93C56A Datasheet
354Kb / 14P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46_12 Datasheet
938Kb / 14P
   Three-wire Serial EEPROM
VER 1.5
logo
ATMEL Corporation
AT93C86A ATMEL-AT93C86A_07 Datasheet
721Kb / 18P
   Three-wire Serial EEPROM
AT93C46D ATMEL-AT93C46D Datasheet
448Kb / 17P
   Three-wire Serial EEPROM
AT93C56A ATMEL-AT93C56A_09 Datasheet
491Kb / 21P
   Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46 Datasheet
234Kb / 13P
   Three-wire Serial EEPROM
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com