Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8820 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF8820
Description  67 x 101 Grey-scale/ECB colour dot matrix LCD driver
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8820 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF8820 Datasheet HTML 6Page - NXP Semiconductors PCF8820 Datasheet HTML 7Page - NXP Semiconductors PCF8820 Datasheet HTML 8Page - NXP Semiconductors PCF8820 Datasheet HTML 9Page - NXP Semiconductors PCF8820 Datasheet HTML 10Page - NXP Semiconductors PCF8820 Datasheet HTML 11Page - NXP Semiconductors PCF8820 Datasheet HTML 12Page - NXP Semiconductors PCF8820 Datasheet HTML 13Page - NXP Semiconductors PCF8820 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MGT116
VLCD
V2
V3
V4
V5
VSS
ROW 0
R0(t)
VLCD
V2
V3
V4
V5
VSS
ROW 1
R1(t)
VLCD
V2
V3
V4
V5
VSS
COL 0
C0(t)
VLCD
V2
V3
V4
V5
VSS
COL 1
C1(t)
state1
state2
4
79
16
x
x
88 16
x
x
88 16
x
x
79
16
x
x
79
16
x
x
4
5
4
4
N11
N12
N13
N14
N21
Frame
0
012
7
0
012
7
0
012
7
0
012
7
0
012
7
VLCD
V3
V3 − V2
VLCD − V2
0 V
Vstate1(t)
VLCD
V3
V3 − V2
VLCD − V2
0 V
Vstate2(t)
−VLCD
V4 − VLCD
V4 − V5
− V5
0 V
−VLCD
V4 − VLCD
V4 − V5
− V5
0 V
Fig.4 Typical LCD driver waveforms at a multiplex rate of 1 : 8 for partial screen mode.
Example for setting grey-scale register.
ROW0, COL0: GS = 17
ROW1, COL0: GS = 0
ROW0, COL1: GS = 30
ROW1, COL0: GS = 63 (63 will be set to 64; see Section 8.1.8).
Vstate1(t) = C1(t) − R0(t)
Vstate2(t) = C1(t) − R1(t)


Similar Part No. - PCF8820

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8801 PHILIPS-PCF8801 Datasheet
85Kb / 20P
   LCD driver for 140 x 2 segments
2000 Feb 04
PCF8801U PHILIPS-PCF8801U Datasheet
85Kb / 20P
   LCD driver for 140 x 2 segments
2000 Feb 04
PCF8811 PHILIPS-PCF8811 Datasheet
434Kb / 73P
   80 x 128 pixels matrix LCD driver
2004 May 17
PCF8811 NXP-PCF8811 Datasheet
440Kb / 81P
   80 x 128 pixels matrix LCD driver
Rev. 04-27 June 2008
PCF8811 NXP-PCF8811 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCF8820

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.37 ELMOS-E910.37 Datasheet
122Kb / 1P
   LCD controller, driver for grey scale, ECB color displays
logo
Sitronix Technology Co....
ST7541 SITRONIX-ST7541 Datasheet
1Mb / 78P
   4 Gray Scale Dot Matrix LCD Controller/Driver
ST7571 SITRONIX-ST7571 Datasheet
1Mb / 76P
   4 Gray Scale Dot Matrix LCD Controller/Driver
ST7528 SITRONIX-ST7528 Datasheet
1Mb / 97P
   16 Gray Scale Dot Matrix LCD Controller/Driver
ST7529 SITRONIX-ST7529 Datasheet
1Mb / 86P
   32 Gray Scale Dot Matrix LCD Controller/Driver
logo
Hitachi Semiconductor
HD66421 HITACHI-HD66421 Datasheet
180Kb / 46P
   (RAM-Provided 160 Channel 4-Level Grey Scale Driver for Dot Matrix Graphics LCD)
HD66420 HITACHI-HD66420 Datasheet
167Kb / 52P
   (RAM-Provided 160 Channel 4-Level Grey Scale Driver for Dot Matrix Graphics LCD)
logo
NXP Semiconductors
PCF8813 PHILIPS-PCF8813 Datasheet
446Kb / 72P
   (67 1) x 102 pixels matrix LCD driver
2004 Mar 05
logo
Sitronix Technology Co....
ST7586S SITRONIX-ST7586S Datasheet
675Kb / 63P
   4-Level Gray Scale Dot Matrix LCD Controller/Driver
logo
Sanyo Semicon Device
LC7940ND SANYO-LC7940ND Datasheet
214Kb / 11P
   Dot-Matrix LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com