Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMN6A09K Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZXMN6A09K
Description  60V N-channel enhancement mode MOSFET in DPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMN6A09K Datasheet(HTML) 7 Page - Zetex Semiconductors

  ZXMN6A09K Datasheet HTML 1Page - Zetex Semiconductors ZXMN6A09K Datasheet HTML 2Page - Zetex Semiconductors ZXMN6A09K Datasheet HTML 3Page - Zetex Semiconductors ZXMN6A09K Datasheet HTML 4Page - Zetex Semiconductors ZXMN6A09K Datasheet HTML 5Page - Zetex Semiconductors ZXMN6A09K Datasheet HTML 6Page - Zetex Semiconductors ZXMN6A09K Datasheet HTML 7Page - Zetex Semiconductors ZXMN6A09K Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ZXMN6A09K
Issue 5 - January 2007
7
www.zetex.com
© Zetex Semiconductors plc 2007
Package outline - DPAK
Note: Controlling dimensions are in inches. Approximate dimensions are provided in millimeters
DIM
Inches
Millimeters
DIM
Inches
Millimeters
Min
Max
Min
Max
Min
Max
Min
Max
A
0.086
0.094
2.18
2.39
e
0.090 BSC
2.29 BSC
A1
-
0.005
-
0.127
H
0.370
0.410
9.40
10.41
b
0.020
0.035
0.508
0.89
L
0.055
0.070
1.40
1.78
b2
0.030
0.045
0.762
1.14
L1
0.108 REF
2.74 REF
b3
0.205
0.215
5.21
5.46
L2
0.020 BSC
0.508 BSC
c
0.018
0.024
0.457
0.61
L3
0.035
0.065
0.89
1.65
c2
0.018
0.023
0.457
0.584
L4
0.025
0.040
0.635
1.016
D
0.213
0.245
5.41
6.22
L5
0.045
0.060
1.14
1.52
D1
0.205
-
5.21
-
θ1°
10°
10°
E
0.250
0.265
6.35
6.73
θ°
15°
15°
E1
0.170
-
4.32
---
--
-


Similar Part No. - ZXMN6A09K

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A09K ZETEX-ZXMN6A09K Datasheet
214Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
logo
Diodes Incorporated
ZXMN6A09K DIODES-ZXMN6A09K Datasheet
856Kb / 33P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
DS32165 Rev. 2 - 2
logo
Zetex Semiconductors
ZXMN6A09KTC ZETEX-ZXMN6A09KTC Datasheet
214Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
logo
VBsemi Electronics Co.,...
ZXMN6A09KTC VBSEMI-ZXMN6A09KTC Datasheet
898Kb / 6P
   N-Channel 60-V (D-S) MOSFET
logo
Diodes Incorporated
ZXMN6A09K DIODES-ZXMN6A09K_15 Datasheet
542Kb / 8P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMN6A09K

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A09K ZETEX-ZXMN6A09K Datasheet
214Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
ZXMN6A25K ZETEX-ZXMN6A25K Datasheet
802Kb / 8P
   60V DPAK N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN6A25K DIODES-ZXMN6A25K Datasheet
813Kb / 8P
   60V DPAK N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMP6A16K ZETEX-ZXMP6A16K Datasheet
587Kb / 8P
   60V DPAK P-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMP6A16K DIODES-ZXMP6A16K Datasheet
575Kb / 8P
   60V DPAK P-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN3A04K ZETEX-ZXMN3A04K Datasheet
146Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
ZXMN10A09K ZETEX-ZXMN10A09K Datasheet
197Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
logo
Diodes Incorporated
ZXMN3A04K DIODES-ZXMN3A04K Datasheet
155Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
logo
Zetex Semiconductors
ZXMN10A25K ZETEX-ZXMN10A25K Datasheet
601Kb / 8P
   100V DPAK N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN10A25K DIODES-ZXMN10A25K Datasheet
614Kb / 8P
   100V DPAK N-channel enhancement mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com