Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMN6A11GTA Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXMN6A11GTA
Description  60V SOT223 N-channel enhancement mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMN6A11GTA Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXMN6A11GTA Datasheet HTML 1Page - Zetex Semiconductors ZXMN6A11GTA Datasheet HTML 2Page - Zetex Semiconductors ZXMN6A11GTA Datasheet HTML 3Page - Zetex Semiconductors ZXMN6A11GTA Datasheet HTML 4Page - Zetex Semiconductors ZXMN6A11GTA Datasheet HTML 5Page - Zetex Semiconductors ZXMN6A11GTA Datasheet HTML 6Page - Zetex Semiconductors ZXMN6A11GTA Datasheet HTML 7Page - Zetex Semiconductors ZXMN6A11GTA Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ZXMN6A11G
Issue 4 - September 2006
3
www.zetex.com
© Zetex Semiconductors plc 2006
Typical characteristics


Similar Part No. - ZXMN6A11GTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMN6A11GTA DIODES-ZXMN6A11GTA Datasheet
620Kb / 8P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZXMN6A11GTA VBSEMI-ZXMN6A11GTA Datasheet
1Mb / 8P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - ZXMN6A11GTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMN6A25G DIODES-ZXMN6A25G Datasheet
665Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
ZXMN6A09G DIODES-ZXMN6A09G Datasheet
564Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
ZXMN6A08G DIODES-ZXMN6A08G_15 Datasheet
471Kb / 7P
   60V SOT223 N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN6A25G ZETEX-ZXMN6A25G Datasheet
654Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
ZXMN6A09G ZETEX-ZXMN6A09G_07 Datasheet
525Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN6A08GQ DIODES-ZXMN6A08GQ Datasheet
863Kb / 7P
   60V SOT223 N-CHANNEL ENHANCEMENT MODE MOSFET
February 2020 Rev. 2 - 2
logo
Zetex Semiconductors
ZXMN6A08G ZETEX-ZXMN6A08G Datasheet
445Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN6A08G DIODES-ZXMN6A08G Datasheet
452Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
ZXMN6A25G DIODES-ZXMN6A25G_15 Datasheet
637Kb / 7P
   60V SOT223 N-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMN10A08G ZETEX-ZXMN10A08G Datasheet
440Kb / 8P
   100V SOT223 N-channel enhancement mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com