Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXM62N03E6 Datasheet(PDF) 8 Page - Zetex Semiconductors

Part # ZXM62N03E6
Description  30V N-CHANNEL ENHANCEMENTMODEMOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXM62N03E6 Datasheet(HTML) 8 Page - Zetex Semiconductors

  ZXM62N03E6 Datasheet HTML 1Page - Zetex Semiconductors ZXM62N03E6 Datasheet HTML 2Page - Zetex Semiconductors ZXM62N03E6 Datasheet HTML 3Page - Zetex Semiconductors ZXM62N03E6 Datasheet HTML 4Page - Zetex Semiconductors ZXM62N03E6 Datasheet HTML 5Page - Zetex Semiconductors ZXM62N03E6 Datasheet HTML 6Page - Zetex Semiconductors ZXM62N03E6 Datasheet HTML 7Page - Zetex Semiconductors ZXM62N03E6 Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ISSUE 1 - JUNE 2004
PACKAGE DIMENSIONS
A1
2
L
DATUM A
a
C
E
AA2
E1
D
b
e
e1
PAD LAYOUT DETAILS
DIM
Millimeters
Inches
Min
Max
Min
Max
A
0.90
1.45
0.35
0.057
A1
0.00
0.15
0
0.006
A2
0.90
1.30
0.035
0.051
b
0.35
0.50
0.014
0.019
C
0.09
0.20
0.0035
0.008
D
2.80
3.00
0.110
0.118
E
2.60
3.00
0.102
0.118
E1
1.50
1.75
0.059
0.069
8
ZXM62N03E6
Europe
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia) Ltd
3701-04 Metroplaza Tower 1
Hing Fong Road, Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
Corporate Headquarters
Zetex plc
Lansdowne Road, Chadderton
Oldham, OL9 9TY
United Kingdom
Telephone (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for
any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves
the right to alter without notice the specification, design, price or conditions of supply of any product or service.
For the latest product information, log on to www.zetex.com
© Zetex Semiconductors plc 2004


Similar Part No. - ZXM62N03E6

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62N03E6 ZETEX-ZXM62N03E6 Datasheet
187Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXM62N03E6 DIODES-ZXM62N03E6 Datasheet
290Kb / 8P
   30V N-CHANNEL ENHANCEMENTMODEMOSFET
logo
Zetex Semiconductors
ZXM62N03E6TA ZETEX-ZXM62N03E6TA Datasheet
187Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXM62N03E6TA DIODES-ZXM62N03E6TA Datasheet
290Kb / 8P
   30V N-CHANNEL ENHANCEMENTMODEMOSFET
logo
VBsemi Electronics Co.,...
ZXM62N03E6TA VBSEMI-ZXM62N03E6TA Datasheet
493Kb / 9P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - ZXM62N03E6

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXM62N03E6 DIODES-ZXM62N03E6 Datasheet
290Kb / 8P
   30V N-CHANNEL ENHANCEMENTMODEMOSFET
logo
Fairchild Semiconductor
FDP7030BLS FAIRCHILD-FDP7030BLS Datasheet
82Kb / 6P
   30V N-Channel PowerTrench짰SyncFET?
logo
Taiwan Semiconductor Co...
TSM3424 TSC-TSM3424_11 Datasheet
211Kb / 6P
   30V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3400 AOSMD-AO3400_11 Datasheet
477Kb / 5P
   30V N-Channel MOSFET
AO3406 AOSMD-AO3406_11 Datasheet
534Kb / 5P
   30V N-Channel MOSFET
AO6424 AOSMD-AO6424 Datasheet
273Kb / 5P
   30V N-Channel MOSFET
AO6432 AOSMD-AO6432 Datasheet
224Kb / 5P
   30V N-Channel MOSFET
AO4492 AOSMD-AO4492 Datasheet
510Kb / 6P
   30V N-Channel MOSFET
AO4498E AOSMD-AO4498E Datasheet
267Kb / 5P
   30V N-Channel MOSFET
AO4566 AOSMD-AO4566 Datasheet
343Kb / 5P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com