Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXM62N03E6 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXM62N03E6
Description  30V N-CHANNEL ENHANCEMENTMODEMOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXM62N03E6 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXM62N03E6 Datasheet HTML 1Page - Zetex Semiconductors ZXM62N03E6 Datasheet HTML 2Page - Zetex Semiconductors ZXM62N03E6 Datasheet HTML 3Page - Zetex Semiconductors ZXM62N03E6 Datasheet HTML 4Page - Zetex Semiconductors ZXM62N03E6 Datasheet HTML 5Page - Zetex Semiconductors ZXM62N03E6 Datasheet HTML 6Page - Zetex Semiconductors ZXM62N03E6 Datasheet HTML 7Page - Zetex Semiconductors ZXM62N03E6 Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ISSUE 1 - JUNE 2004
ZXM62N03E6
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
V
DSS
30
V
Gate Source Voltage
V
GS
20
V
Continuous Drain Current (V
GS=10V; TA=25°C)(b)
(V
GS=10V; TA=70°C)(b)
I
D
3.2
2.6
A
Pulsed Drain Current (c)
I
DM
18
A
Continuous Source Current (Body Diode) (b)
I
S
2.1
A
Pulsed Source Current (Body Diode)
I
SM
18
A
Power Dissipation at T
A=25°C (a)
Linear Derating Factor
P
D
1.1
8.8
W
mW/°C
Power Dissipation at T
A=25°C (b)
Linear Derating Factor
P
D
1.7
13.6
W
mW/°C
Operating and Storage Temperature Range
T
j:Tstg
-55 to +150
°C
THERMAL RESISTANCE
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient (a)
RθJA
113
°C/W
Junction to Ambient (b)
RθJA
73
°C/W
NOTES:
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions
(b) For a device surface mounted on FR4 PCB measured at t 5 secs.
(c) Repetitive rating - pulse width limited by maximum junction temperature. Refer to Transient Thermal Impedance graph.
2


Similar Part No. - ZXM62N03E6

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62N03E6 ZETEX-ZXM62N03E6 Datasheet
187Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXM62N03E6 DIODES-ZXM62N03E6 Datasheet
290Kb / 8P
   30V N-CHANNEL ENHANCEMENTMODEMOSFET
logo
Zetex Semiconductors
ZXM62N03E6TA ZETEX-ZXM62N03E6TA Datasheet
187Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXM62N03E6TA DIODES-ZXM62N03E6TA Datasheet
290Kb / 8P
   30V N-CHANNEL ENHANCEMENTMODEMOSFET
logo
VBsemi Electronics Co.,...
ZXM62N03E6TA VBSEMI-ZXM62N03E6TA Datasheet
493Kb / 9P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - ZXM62N03E6

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXM62N03E6 DIODES-ZXM62N03E6 Datasheet
290Kb / 8P
   30V N-CHANNEL ENHANCEMENTMODEMOSFET
logo
Fairchild Semiconductor
FDP7030BLS FAIRCHILD-FDP7030BLS Datasheet
82Kb / 6P
   30V N-Channel PowerTrench짰SyncFET?
logo
Taiwan Semiconductor Co...
TSM3424 TSC-TSM3424_11 Datasheet
211Kb / 6P
   30V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3400 AOSMD-AO3400_11 Datasheet
477Kb / 5P
   30V N-Channel MOSFET
AO3406 AOSMD-AO3406_11 Datasheet
534Kb / 5P
   30V N-Channel MOSFET
AO6424 AOSMD-AO6424 Datasheet
273Kb / 5P
   30V N-Channel MOSFET
AO6432 AOSMD-AO6432 Datasheet
224Kb / 5P
   30V N-Channel MOSFET
AO4492 AOSMD-AO4492 Datasheet
510Kb / 6P
   30V N-Channel MOSFET
AO4498E AOSMD-AO4498E Datasheet
267Kb / 5P
   30V N-Channel MOSFET
AO4566 AOSMD-AO4566 Datasheet
343Kb / 5P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com