Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXM64N02XTC Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXM64N02XTC
Description  20V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXM64N02XTC Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXM64N02XTC Datasheet HTML 1Page - Zetex Semiconductors ZXM64N02XTC Datasheet HTML 2Page - Zetex Semiconductors ZXM64N02XTC Datasheet HTML 3Page - Zetex Semiconductors ZXM64N02XTC Datasheet HTML 4Page - Zetex Semiconductors ZXM64N02XTC Datasheet HTML 5Page - Zetex Semiconductors ZXM64N02XTC Datasheet HTML 6Page - Zetex Semiconductors ZXM64N02XTC Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNIT CONDITIONS.
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
20
V
ID=250µA, VGS=0V
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS=20V, VGS=0V
Gate-Body Leakage
IGSS
100
nA
VGS=± 12V, VDS=0V
Gate-Source Threshold Voltage
VGS(th)
0.7
V
ID=250µA, VDS= VGS
Static Drain-Source On-State Resistance
(1)
RDS(on)
0.040
0.050
VGS=4.5V, ID=3.8A
VGS=2.7V, ID=1.9A
Forward Transconductance (3)
gfs
6.1
S
VDS=10V,ID=1.9A
DYNAMIC (3)
Input Capacitance
Ciss
1100
pF
VDS=15 V, VGS=0V,
f=1MHz
Output Capacitance
Coss
350
pF
Reverse Transfer Capacitance
Crss
100
pF
SWITCHING(2) (3)
Turn-On Delay Time
td(on)
5.7
ns
VDD =10V, ID=3.8A
RG=6.2Ω, RD=2.6Ω
(Refer to test
circuit)
Rise Time
tr
9.6
ns
Turn-Off Delay Time
td(off)
28.3
ns
Fall Time
tf
11.6
ns
Total Gate Charge
Qg
16
nC
VDS=16V,VGS=4.5V,
ID=3.8A
(Refer to test
circuit)
Gate-Source Charge
Qgs
3.5
nC
Gate Drain Charge
Qgd
5.4
nC
SOURCE-DRAIN DIODE
Diode Forward Voltage (1)
VSD
0.95
V
Tj=25°C, IS=3.8A,
VGS=0V
Reverse Recovery Time (3)
trr
23.7
ns
Tj=25°C, IF=3.8A,
di/dt= 100A/
µs
Reverse Recovery Charge(3)
Qrr
13.3
nC
(1) Measured under pulsed conditions. Width=300
µs. Duty cycle ≤2% .
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.
4
ZXM64N02X
ISSUE 1 - JUNE 2004


Similar Part No. - ZXM64N02XTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64N02XTC ZETEX-ZXM64N02XTC Datasheet
180Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXM64N02XTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
   20V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMS06N20D FCI-FMS06N20D Datasheet
232Kb / 2P
   20V N-Channel Enhancement-Mode MOSFET
logo
Cystech Electonics Corp...
MTA340N02S3 CYSTEKEC-MTA340N02S3 Datasheet
431Kb / 9P
   20V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com