Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXBM1015 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXBM1015
Description  VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXBM1015 Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXBM1015 Datasheet HTML 1Page - Zetex Semiconductors ZXBM1015 Datasheet HTML 2Page - Zetex Semiconductors ZXBM1015 Datasheet HTML 3Page - Zetex Semiconductors ZXBM1015 Datasheet HTML 4Page - Zetex Semiconductors ZXBM1015 Datasheet HTML 5Page - Zetex Semiconductors ZXBM1015 Datasheet HTML 6Page - Zetex Semiconductors ZXBM1015 Datasheet HTML 7Page - Zetex Semiconductors ZXBM1015 Datasheet HTML 8Page - Zetex Semiconductors ZXBM1015 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ZXBM1015
ISSUE 3 - MAY 2007
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT CONDITIONS
PWM Oscillator
CPWM Charge Current
IPWMC
-5.3
-
-9.1
A
CPWM Discharge Current
IPWMD
55
-
105
A
CPWM High Threshold Voltage
VTHH
-3
-
V
CPWM Low Threshold Voltage
VTHL
-1
-
V
PWM Frequency
FPWM
24
kHz
CPWM =0.1nF
Reference Voltage
ThRef Voltage
VThRef
2.9
3.0
3.15
V
IOThRef =-10mA
ThRef Output Current
IOThRef
-
-
-10
mA
Speed Control
SPD Voltage Minimum
VSPDL
-
1
-
V
100% PWM Drive
SPD Voltage Maximum
VSPDH
-
3
-
V
0% PWM Drive
SPD Input Current
IISPD
-
-0.4
-2
AVin = 2V
Minumum Speed Setting
SMIN Input Current
ISMIN
-
-0.25
-0.5
AVin = 2V
Rotor Lock and Auto Restart
CLCK Charge Current
ILCKC
-2.7
-
-5.2
A
CLCK Discharge Current
ILCKD
0.2
-
0.42
A
CLCK High Threshold Voltage
VTHH
-3
-
V
CLCK Low Threshold Voltage
VTHL
-1
-
V
Lock condition On:Off ratio
-
1:12
-
Current Limit
Sense Input Current
ISense
-
-20
-100
nA
Vin = 1V, SetTh = 2V
SetTh Input Current
ISetTh
-
-20
-100
nA
Vin = 2V, Sense = 1V
Output Flags
FG & RD Output Current
IOL
-
-
16
mA
FG & RD Low Level Output Voltage
VOL
-
-
0.5
V
IOL =16mA
Commutation Delay
Commutation Delay
tComDel
48
-
112
sComDel Open Circuit
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C and Vcc = 12V) (Cont.)
Notes:
(1.) Measured with pins H+, H-, CLCK and CPWM = 0V and all other signal pins open circuit.
(2.) In this data sheet a negative sign for a current indicates current flowing out of the pin whilst no sign indicates current flowing into the pin


Similar Part No. - ZXBM1015

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM1015 ZETEX-ZXBM1015 Datasheet
130Kb / 12P
   VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM1015 DIODES-ZXBM1015 Datasheet
124Kb / 10P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM1015ST20TC ZETEX-ZXBM1015ST20TC Datasheet
130Kb / 12P
   VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM1015ST20TC DIODES-ZXBM1015ST20TC Datasheet
124Kb / 10P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
More results

Similar Description - ZXBM1015

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM1004 ZETEX-ZXBM1004 Datasheet
265Kb / 12P
   VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
ZXBM1017 ZETEX-ZXBM1017 Datasheet
157Kb / 12P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM1017 DIODES-ZXBM1017 Datasheet
150Kb / 10P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
ZXBM1004 DIODES-ZXBM1004 Datasheet
340Kb / 12P
   VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM1017 ZETEX-ZXBM1017_07 Datasheet
130Kb / 10P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
ZXBM1004 ZETEX-ZXBM1004_07 Datasheet
263Kb / 12P
   VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM1015 DIODES-ZXBM1015 Datasheet
124Kb / 10P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM1015 ZETEX-ZXBM1015 Datasheet
130Kb / 12P
   VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM2004 DIODES-ZXBM2004 Datasheet
224Kb / 12P
   VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM2004 ZETEX-ZXBM2004 Datasheet
249Kb / 12P
   VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com