Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCN6001 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCN6001
Description  Smartcard Interface ICs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN6001 Datasheet(HTML) 3 Page - ON Semiconductor

  NCN6001 Datasheet HTML 1Page - ON Semiconductor NCN6001 Datasheet HTML 2Page - ON Semiconductor NCN6001 Datasheet HTML 3Page - ON Semiconductor NCN6001 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 
ON Semiconductor
SIM/SAM Card Interface ICs
NCN4555/7
• Single & Dual SIM interface (Subscriber Identity Module)
• Sequencer on NCN4557
• 1.8 V - 5.5 V Digital Input Voltage
• Fully compatible with ISO7816-3, GSM11.11/11.12/11.18,
IMT-2000 / 3G TS 31.101
• Supports 1.8 V / 3 V Cards
• Linear DC-DC Converter (LDO) able to supply current in excess
of 50 mA at 1.8 V & 3 V (Vbat ranging from 2.7 V to 5.5 V)
• Very low stand-by and operating power consumption
• >5 MHz clock frequency
• >7 kV HBM ESD protection on SIM pins
• Low profile 3 mm x 3 mm QFN-16 package
SIM Interface Device Comparison
Product Features
NCN4555
NCN4557
Analog Interfaces
1 card
 cards
Card Types (V)
1.8/
1.8/
Max Clock Frequency (MHz)
>5
>5
Power Supply (Type)
Built-In LDO-Type DC-DC
Built-In LDO-Type DC-DC
Power Supply (V)
.7 - 5.5
.7 - 5.5
Activation/Deactivation
No
Yes
Packaging
Low Profile QFN-16
Low Profile QFN-16
Tempetarure Range (°C)
-5 to +85
-5 to +85
Wireless Protocol
GSM 11.1x/G TS 1.101
GSM 11.1x/G TS 1.101
ESD Protection (kV)
8
8
NCN4555
Demo Board
Analog Interfaces
Card Types (V)
Protocol
Max Clock Frequency (MHz)
Power Supply (Type)
Power Supply (V)
Host Interface
Packaging
Temperature Range (°C)
EMV Compliance
ESD Protection (kV)
Features
Smartcard Interface ICs from ON Semiconductor
1 Card
3/5
Asynchronous
20
Built-In DC-DC Converter
2.7 - 6
Parallel
TSSOP-20
-25 to +85
4.1
8
NCN6000
1 Card
1.8/3/5
Asynchronous/Synchronous
20
High Efficiency DC-DC Converter
2.7 - 5.5
Serial (SPI)
TSSOP-20
-25 to +85
4.1
8
NCN6001
2 Cards
1.8/3/5
Asynchronous/Synchronous
20
High Efficiency DC-DC Converter
2.7 - 5.5
Parallel
TQFP-48
-25 to +85
4.1
8
NCN6004A
LDO B > 50 mA
CRD_VCCB
CRD_CLKB
CRD_RSTB
CRD_I/OB
CLK
RST
I/O
VDD
VBAT
CRD_VCCA
CRD_CLKA
CRD_RSTA
CRD_I/OA
GROUND
GND
17
LDO A > 50 mA
7
6
5
4
3
CONTROL
LOGIC
MUX
SEQUENCING
2
8
14
15
16
1
e
l
b
a
n
E
/
V
0
.
3
/
V
8
.
1
e
l
b
a
n
E
/
V
0
.
3
/
V
8
.
1
CRD_VCCB
CRD_VCCB
14 k
VDD
18 k
9
10
CRD_VCCA
En
En
En
En
En
En
ENABLE
SEL0
SEL1
11
12
13
CRD_VCCA
14 k
DATA DATA
DATA DATA
I/O
I/O
I/O
I/O


Similar Part No. - NCN6001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN6001 ONSEMI-NCN6001 Datasheet
332Kb / 36P
   Compact Smart Card Interface IC
July, 2003 - Rev. 2
NCN6001 ONSEMI-NCN6001 Datasheet
471Kb / 34P
   Compact Smart Card Interface IC
January, 2006 ??Rev. 3
NCN6001 ONSEMI-NCN6001 Datasheet
524Kb / 33P
   Compact Smart Card Interface IC
October, 2014 ??Rev. 6
NCN6001DTBR2 ONSEMI-NCN6001DTBR2 Datasheet
332Kb / 36P
   Compact Smart Card Interface IC
July, 2003 - Rev. 2
NCN6001DTBR2 ONSEMI-NCN6001DTBR2 Datasheet
471Kb / 34P
   Compact Smart Card Interface IC
January, 2006 ??Rev. 3
More results

Similar Description - NCN6001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST8024 STMICROELECTRONICS-ST8024 Datasheet
892Kb / 23P
   SMARTCARD INTERFACE
ST8024 STMICROELECTRONICS-ST8024_06 Datasheet
598Kb / 30P
   Smartcard interface
ST8024L STMICROELECTRONICS-ST8024L Datasheet
710Kb / 35P
   Smartcard interface
ST8024 STMICROELECTRONICS-ST8024_08 Datasheet
1Mb / 31P
   Smartcard interface
ST8004 STMICROELECTRONICS-ST8004 Datasheet
681Kb / 19P
   SMARTCARD INTERFACE
ST8024LCDR STMICROELECTRONICS-ST8024LCDR Datasheet
715Kb / 35P
   Smartcard interface
ST8004 STMICROELECTRONICS-ST8004_07 Datasheet
845Kb / 26P
   Smartcard interface
logo
Texas Instruments
TCA5013 TI1-TCA5013 Datasheet
1Mb / 68P
[Old version datasheet]   Feature Rich Smartcard Interface IC
logo
STMicroelectronics
AN2269 STMICROELECTRONICS-AN2269 Datasheet
818Kb / 25P
   Using the ST8024 Smartcard Interface
AN2646 STMICROELECTRONICS-AN2646 Datasheet
446Kb / 43P
   Smartcard interface with the STM8S microcontroller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com