Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCN45557 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCN45557
Description  Smartcard Interface ICs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN45557 Datasheet(HTML) 2 Page - ON Semiconductor

  NCN45557 Datasheet HTML 1Page - ON Semiconductor NCN45557 Datasheet HTML 2Page - ON Semiconductor NCN45557 Datasheet HTML 3Page - ON Semiconductor NCN45557 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 
Smartcard Interface IC Solutions
Complete Solutions
ON Semiconductor provides a complete set of contact interfaces, with outstanding features such as:
• Compatibility with the latest ISO7816, EMV
4.1, and wireless standards
• Full bridge DC-DC power supply which offers
conversion efficiency in excess of 75% with
great noise and ripple reject
• Parallel or serial control port
• Programmable clock division
ratio
• Large output current
• Card detect
• Chip select
• Ability to read Type C (1.8 V) SIM/SAM and
Smartcards
Smartcard Interface ICs
NCN6001
• Single SAM Interface (Security Access Module) &
Smart Card Interface
• 2.7V-5.5V Input Voltage
• Fully compatible with ISO7816-3, EMV4.1 (May 2004),
and GSM11.11
• Supports 1.8V/3V/5V Cards
• Full-bridge Buck-Boost DC-DC converter; eliminates the
need for multiple power supplies
• High Efficiency DC-DC Converter
• Programmable Card Voltage, Supply Card Detection,
and Clock Interface
• Three I/O Lines (I/O,C4 and C8) for Synchronous and
Asynchronous Cards
• Supports 20 MHz Card Clock Frequency
• Chip Select Logic
• 8KV HBM ESD Protection on card pins
• TSSOP20 Package
CRD_DET
GROUND
3
9
1
2
6
10
5
8
7
15
11
19
17
16
12
EN_RPU
MOSI
CLK_SPI
CS
MISO
I/O
INT
CLK_IN
Lout_H
Lout_L
PWR_GND
CRD_VCC
CLOCK
DIVIDER
4
INTERRUPT BLOCK
GND
13
14
PROGRAMMABLE
CARD DETECTION
18
VCC
LOGIC CONTROL
20
C4/S0
C8/S1
CRD_RST
CRD_CLK
CRD_IO
b7
b6
b5
b4
b3
b2
b1
b0
b1
b0
GND
20 k
VCC
50 k
CRD_VCC
20 k
VCC
500 k
3 States


Similar Part No. - NCN45557

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN4555 ONSEMI-NCN4555 Datasheet
102Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
March, 2006 ??Rev. 1
NCN4555 ONSEMI-NCN4555 Datasheet
145Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
October, 2010 ??Rev. 3
NCN4555MN ONSEMI-NCN4555MN Datasheet
102Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
March, 2006 ??Rev. 1
NCN4555MNG ONSEMI-NCN4555MNG Datasheet
102Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
March, 2006 ??Rev. 1
NCN4555MNG ONSEMI-NCN4555MNG Datasheet
145Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
October, 2010 ??Rev. 3
More results

Similar Description - NCN45557

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST8024 STMICROELECTRONICS-ST8024 Datasheet
892Kb / 23P
   SMARTCARD INTERFACE
ST8024 STMICROELECTRONICS-ST8024_06 Datasheet
598Kb / 30P
   Smartcard interface
ST8024L STMICROELECTRONICS-ST8024L Datasheet
710Kb / 35P
   Smartcard interface
ST8024 STMICROELECTRONICS-ST8024_08 Datasheet
1Mb / 31P
   Smartcard interface
ST8004 STMICROELECTRONICS-ST8004 Datasheet
681Kb / 19P
   SMARTCARD INTERFACE
ST8024LCDR STMICROELECTRONICS-ST8024LCDR Datasheet
715Kb / 35P
   Smartcard interface
ST8004 STMICROELECTRONICS-ST8004_07 Datasheet
845Kb / 26P
   Smartcard interface
logo
Texas Instruments
TCA5013 TI1-TCA5013 Datasheet
1Mb / 68P
[Old version datasheet]   Feature Rich Smartcard Interface IC
logo
STMicroelectronics
AN2269 STMICROELECTRONICS-AN2269 Datasheet
818Kb / 25P
   Using the ST8024 Smartcard Interface
AN2646 STMICROELECTRONICS-AN2646 Datasheet
446Kb / 43P
   Smartcard interface with the STM8S microcontroller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com