Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXBM2001 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXBM2001
Description  VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXBM2001 Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXBM2001 Datasheet HTML 1Page - Zetex Semiconductors ZXBM2001 Datasheet HTML 2Page - Zetex Semiconductors ZXBM2001 Datasheet HTML 3Page - Zetex Semiconductors ZXBM2001 Datasheet HTML 4Page - Zetex Semiconductors ZXBM2001 Datasheet HTML 5Page - Zetex Semiconductors ZXBM2001 Datasheet HTML 6Page - Zetex Semiconductors ZXBM2001 Datasheet HTML 7Page - Zetex Semiconductors ZXBM2001 Datasheet HTML 8Page - Zetex Semiconductors ZXBM2001 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Block Diagram (ZXBM2001):
Pin Assignments
Pin Functional Descriptions
1. VCC
- Applied voltage
This is the device supply voltage. For 5V to 12V fans this
can be supplied directly from the Fan Motor supply. For
fans likely to run in excess of the 18V maximum rating
for the device this will be supplied from an external
regulator such as a zener diode.
2. H+
- Hall input
3. H-
- Hall input
The rotor position of the Fan Motor is detected by a Hall
sensor whose output is applied to these pins. This
sensor can be either a 4 pin ‘naked’ Hall device or a 3
pin buffered switching type. For a 4 pin device the
differential Hall output signal is connected to the H+
and H- pins. For a 3 pin buffered Hall sensor the Hall
device output is attached to the H+ pin whilst the H- pin
has an external potential divider attached to hold the
pin at half VCC. When H+ is high in relation to H- Ph2 is
the active drive.
ZXBM2001
ZXBM2002 ZXBM2003
SEMICO NDUC TORS
ISSUE 4 - OCTOBER 2004
4
Top View


Similar Part No. - ZXBM2001

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM2001 ZETEX-ZXBM2001 Datasheet
269Kb / 8P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM2001 DIODES-ZXBM2001 Datasheet
234Kb / 10P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM2001X10TA ZETEX-ZXBM2001X10TA Datasheet
269Kb / 8P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
ZXBM2001X10TC ZETEX-ZXBM2001X10TC Datasheet
269Kb / 8P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
More results

Similar Description - ZXBM2001

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM2001 ZETEX-ZXBM2001 Datasheet
269Kb / 8P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM2001 DIODES-ZXBM2001 Datasheet
234Kb / 10P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM200X ZETEX-ZXBM200X Datasheet
523Kb / 14P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
List of Unclassifed Man...
AMC8500 ETC2-AMC8500 Datasheet
715Kb / 27P
   TWO PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
AMC8510 ETC2-AMC8510 Datasheet
306Kb / 3P
   SINGLE PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM2004 DIODES-ZXBM2004 Datasheet
224Kb / 12P
   VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM2004 ZETEX-ZXBM2004 Datasheet
249Kb / 12P
   VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER
ZXBM1016 ZETEX-ZXBM1016 Datasheet
252Kb / 12P
   High efficiency variable speed single-phase fan motor controller
logo
Diodes Incorporated
ZXBM1016 DIODES-ZXBM1016 Datasheet
266Kb / 12P
   High efficiency variable speed single-phase fan motor controller
logo
List of Unclassifed Man...
AMC8520 ETC2-AMC8520 Datasheet
92Kb / 2P
   SINGLE PHASE VARIABLE SPEED ADVANCED FAN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com