Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS7222A Datasheet(PDF) 5 Page - ON Semiconductor

Part # NLAS7222A
Description  Integrated Solutions for USB Line Protection and Termination
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS7222A Datasheet(HTML) 5 Page - ON Semiconductor

  NLAS7222A Datasheet HTML 1Page - ON Semiconductor NLAS7222A Datasheet HTML 2Page - ON Semiconductor NLAS7222A Datasheet HTML 3Page - ON Semiconductor NLAS7222A Datasheet HTML 4Page - ON Semiconductor NLAS7222A Datasheet HTML 5Page - ON Semiconductor NLAS7222A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5
ON Semiconductor
NLAS7222A Dual SPDT Switch
<7 pF On Switch Capacitance
Key Performance Characteristics
• Passes USB 2.0 High Speed Signals
• 6.5
W Typical RDSon @ 3.0 V
• 500 MHz Bandwidth
• Low Crosstalk: -45 dB @ 250 MHz
• Smallest Package in the Industry
0.75 mm
1.8 mm
1.4 mm
WQFN-10
1
0.55 mm
1.4 mm
uQFN-10*
1
USB
Transceiver
UART
ESD/EMI
Filter
Connector
Selection
Control
Selection
Control
NLAS7222A Dual SPDT
WQFN-10 Package
Device
Configuration
RON Max
(
W)
C Typ
(pF)
Package
NLAS7222A
Dual SPDT
9
6.5
WQFN-10, uDFN-10*
NLAS4717EP
Dual SPDT
4.5
38
Flip-Chip 10
* Coming Soon


Similar Part No. - NLAS7222A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS7222A ONSEMI-NLAS7222A Datasheet
148Kb / 10P
   3.3 V, Wide Bandwidth, 2??to ???뭁ort (DPDT) Switch with Enable
October, 2006 ??Rev. 0
NLAS7222A ONSEMI-NLAS7222A Datasheet
160Kb / 11P
   High?뭆peed USB 2.0 (480 Mbps) DPDT Switch
February, 2007 ??Rev. 1
NLAS7222A ONSEMI-NLAS7222A Datasheet
205Kb / 11P
   High-Speed USB 2.0 DPDT Switch
October, 2011 ??Rev. 5
NLAS7222AMTR2G ONSEMI-NLAS7222AMTR2G Datasheet
148Kb / 10P
   3.3 V, Wide Bandwidth, 2??to ???뭁ort (DPDT) Switch with Enable
October, 2006 ??Rev. 0
NLAS7222AMTR2G ONSEMI-NLAS7222AMTR2G Datasheet
160Kb / 11P
   High?뭆peed USB 2.0 (480 Mbps) DPDT Switch
February, 2007 ??Rev. 1
More results

Similar Description - NLAS7222A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBDFXXW5 STMICROELECTRONICS-USBDFXXW5 Datasheet
103Kb / 9P
   EMI FILTER AND LINE TERMINATION FOR USB DOWNSTREAM PORTS
USBUF01P6 STMICROELECTRONICS-USBUF01P6_06 Datasheet
116Kb / 9P
   EMI filter and line termination for USB upstream ports
USBUFXXW6 STMICROELECTRONICS-USBUFXXW6 Datasheet
98Kb / 9P
   EMI FILTER AND LINE TERMINATION FOR USB UPSTREAM PORTS
USBUFXXW6 STMICROELECTRONICS-USBUFXXW6_06 Datasheet
152Kb / 11P
   EMI filter and line termination for USB upstream ports
USBUF01P6 STMICROELECTRONICS-USBUF01P6 Datasheet
80Kb / 7P
   EMI FILTER AND LINE TERMINATION FOR USB UPSTREAM PORTS
USBDFXXW5 STMICROELECTRONICS-USBDFXXW5_06 Datasheet
154Kb / 11P
   EMI filter and line termination for USB downstream ports
USBUF STMICROELECTRONICS-USBUF Datasheet
193Kb / 13P
   EMI filter and line termination for USB upstream ports
USBUF01P6 STMICROELECTRONICS-USBUF01P6_10 Datasheet
119Kb / 9P
   IPAD??EMI filter and line termination for USB upstream ports
logo
PHOENIX CONTACT
FLKM-I PHOENIX-FLKM-I Datasheet
49Kb / 3P
   Integrated fuse for line protection
logo
Shanghai Leiditech Elec...
LC0532T5 LEIDITECH-LC0532T5 Datasheet
1Mb / 4P
   TVS DIODE ARRAY FOR USB LINE PROTECTION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com