Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUV22 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BUV22
Description  SWITCHMODE Series NPN Silicon Power Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUV22 Datasheet(HTML) 2 Page - ON Semiconductor

  BUV22 Datasheet HTML 1Page - ON Semiconductor BUV22 Datasheet HTML 2Page - ON Semiconductor BUV22 Datasheet HTML 3Page - ON Semiconductor BUV22 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BUV22
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS (Note 1)
Collector−Emitter Sustaining Voltage
(IC = 200 mA, IB = 0, L = 25 mH)
VCEO(sus)
250
Vdc
Collector Cutoff Current at Reverse Bias
(VCE = 300 V, VBE = −1.5 V)
(VCE = 300 V, VBE = −1.5 V, TC = 125_C)
ICEX
3.0
12.0
mAdc
Collector−Emitter Cutoff Current
(VCE = 200 V)
ICEO
3.0
mAdc
Emitter−Base Reverse Voltage
(IE = 50 mA)
VEBO
7
V
Emitter−Cutoff Current
(VEB = 5 V)
IEBO
1.0
mAdc
SECOND BREAKDOWN
Second Breakdown Collector Current with base forward biased
(VCE = 20 V, t = 1 s)
(VCE = 140 V, t = 1 s)
IS/b
12
0.15
Adc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 10 A, VCE = 4 V)
(IC = 20 A, VCE = 4 V)
hFE
20
10
60
Collector−Emitter Saturation Voltage
(IC = 10 A, IB = 1 A)
(IC = 20 A, IB = 2.5 A)
VCE(sat)
1.0
1.5
Vdc
Base−Emitter Saturation Voltage
(IC = 40 A, IB = 4 A)
VBE(sat)
1.5
Vdc
DYNAMIC CHARACTERISTICS
Current Gain — Bandwidth Product
(VCE = 15 V, IC = 2 A, f = 4 MHz)
fT
8.0
MHz
SWITCHING CHARACTERISTICS (Resistive Load)
Turn−on Time
(IC = 20 A, IB1 = IB2 = 2.5 A,
VCC = 100 V, RC = 5 W)
ton
0.8
ms
Storage Time
ts
2.0
Fall Time
tf
0.35
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2%.
Figure 1. Power Derating
1.0
0
TC, TEMPERATURE (°C)
40
80
160
200
0.4
0.8
0.6
0.2
120


Similar Part No. - BUV22

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUV22 MOTOROLA-BUV22 Datasheet
137Kb / 4P
   40 AMPERES NPN SILICON POWER METAL TRANSISTOR 250 VOLTS 250 WATTS
logo
ON Semiconductor
BUV22 ONSEMI-BUV22 Datasheet
137Kb / 4P
   SITCHMODE Series NPN Silicon Power Transistor
REV 7
logo
Seme LAB
BUV22 SEME-LAB-BUV22 Datasheet
10Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
logo
Inchange Semiconductor ...
BUV22 ISC-BUV22 Datasheet
80Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - BUV22

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BUV26 NJSEMI-BUV26 Datasheet
132Kb / 3P
   Switchmode Series NPN Silicon Power Transistor
logo
ON Semiconductor
BUV26 ONSEMI-BUV26 Datasheet
46Kb / 3P
   Switchmode Series NPN Silicon Power Transistor
August, 2005 ??Rev. 1
BUV20 ONSEMI-BUV20 Datasheet
62Kb / 4P
   SWITCHMODE Series NPN Silicon Power Transistor
May, 2001 ??Rev. 10
BUV26 ONSEMI-BUV26_11 Datasheet
87Kb / 3P
   Switchmode Series NPN Silicon Power Transistor
July, 2011 ??Rev. 2
BUV21 ONSEMI-BUV21_06 Datasheet
70Kb / 4P
   SWITCHMODE Series NPN Silicon Power Transistor
February, 2006 ??Rev. 10
BUV21 ONSEMI-BUV21_13 Datasheet
114Kb / 4P
   SWITCHMODE Series NPN Silicon Power Transistor
December, 2013 ??Rev. 11
logo
Motorola, Inc
MJ13101 MOTOROLA-MJ13101 Datasheet
249Kb / 6P
   SWITCHMODE II SERIES NPN SILICON POWER TRANSISTOR
logo
ON Semiconductor
BUH150G ONSEMI-BUH150G Datasheet
243Kb / 10P
   SWITCHMODE NPN Silicon Planar Power Transistor
April, 2010 ??Rev. 5
BUH50G ONSEMI-BUH50G Datasheet
253Kb / 8P
   SWITCHMODE NPN Silicon Planar Power Transistor
April, 2010 ??Rev. 5
BUH100G ONSEMI-BUH100G Datasheet
251Kb / 10P
   SWITCHMODE NPN Silicon Planar Power Transistor
April, 2010 ??Rev. 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com