Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXCT1012ET5TA Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZXCT1012ET5TA
Description  Reduced height micro-power current monitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCT1012ET5TA Datasheet(HTML) 7 Page - Zetex Semiconductors

Back Button ZXCT1012ET5TA Datasheet HTML 2Page - Zetex Semiconductors ZXCT1012ET5TA Datasheet HTML 3Page - Zetex Semiconductors ZXCT1012ET5TA Datasheet HTML 4Page - Zetex Semiconductors ZXCT1012ET5TA Datasheet HTML 5Page - Zetex Semiconductors ZXCT1012ET5TA Datasheet HTML 6Page - Zetex Semiconductors ZXCT1012ET5TA Datasheet HTML 7Page - Zetex Semiconductors ZXCT1012ET5TA Datasheet HTML 8Page - Zetex Semiconductors ZXCT1012ET5TA Datasheet HTML 9Page - Zetex Semiconductors ZXCT1012ET5TA Datasheet HTML 10Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ZXCT1012
Issue 1 - December 2006
7
www.zetex.com
© Zetex Semiconductors plc 2006
Power dissipation
The maximum allowable power dissipation of the device for normal operation (PMAX), is a
function of the package junction to ambient thermal resistance ( JA), maximum junction
temperature (TJMAX), and ambient temperature (Tamb), according to the expression:
PMAX = (TJMAX – Tamb) / JA
The device power dissipation, PD is given by the expression:
PD=IOUT.(VIN-VOUT) watts
Care must be taken when using this device at large input voltages and large sense voltages to
prevent too much power dissipation.
VIN
= 20V
VSENSE = 2.5V
ROUT
= 100
IOUT
= 2.5 x 0.01
= 25mA
VOUT
= IOUT x ROUT
= 25mA x 100
= 2.5V
∴ P
D
= 25mA (20 - 2.5)V
= 438mW
Power Dissipation
0
100
200
300
400
500
600
0
255075
100
125
150
TA - Ambient temperature (°C)
TDFN3x3-5
TSOT23-5


Similar Part No. - ZXCT1012ET5TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXCT1012ET5TA DIODES-ZXCT1012ET5TA Datasheet
461Kb / 10P
   Reduced height micro-power current monitor
More results

Similar Description - ZXCT1012ET5TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXCT1012 DIODES-ZXCT1012 Datasheet
461Kb / 10P
   Reduced height micro-power current monitor
logo
STMicroelectronics
FERD40U50C STMICROELECTRONICS-FERD40U50C Datasheet
150Kb / 8P
   Reduced leakage current
June 2015 Rev 1
logo
Micrel Semiconductor
MIC845 MICREL-MIC845 Datasheet
137Kb / 7P
   Micro-Power Comparator/ Battery Monitor
MIC845 MICREL-MIC845_11 Datasheet
143Kb / 7P
   Micro-Power Comparator Battery Monitor
logo
Linear Technology
LT2940 LINER-LT2940 Datasheet
343Kb / 24P
   Power and Current Monitor
LT2940 LINER-LT2940_15 Datasheet
347Kb / 24P
   Power and Current Monitor
logo
Dubilier
DXT493 DUBILIER-DXT493 Datasheet
173Kb / 1P
   REDUCED HEIGHT
logo
Texas Instruments
INA226-Q1 TI1-INA226-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   I2C Compatible Current/Power Monitor
logo
ON Semiconductor
CAT2300 ONSEMI-CAT2300 Datasheet
213Kb / 7P
   SENSEFET Current Monitor SENSEFET Current Monitor TDFN??
November, 2012 ??Rev. 2
logo
IK Semicon Co., Ltd
IN1705 IKSEMICON-IN1705_11 Datasheet
151Kb / 10P
   Micro Monitor Supply Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com