Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK2002DL Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCK2002DL
Description  0-300 MHz I2C 1:18 clock buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2002DL Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCK2002DL Datasheet HTML 4Page - NXP Semiconductors PCK2002DL Datasheet HTML 5Page - NXP Semiconductors PCK2002DL Datasheet HTML 6Page - NXP Semiconductors PCK2002DL Datasheet HTML 7Page - NXP Semiconductors PCK2002DL Datasheet HTML 8Page - NXP Semiconductors PCK2002DL Datasheet HTML 9Page - NXP Semiconductors PCK2002DL Datasheet HTML 10Page - NXP Semiconductors PCK2002DL Datasheet HTML 11Page - NXP Semiconductors PCK2002DL Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Philips Semiconductors
Product data
PCK2002
0–300 MHz I2C 1:18 clock buffer
2001 Jul 19
9
AC WAVEFORMS
VM = 1.5 V
VX = VOL + 0.3 V
VY = VOH –0.3 V
VOL and VOH are the typical output voltage drop that occur with the
output load.
BUF_IN
INPUT
VM
tPLH
tPHL
BUF_OUT
VM
VM
VM
SW00246
VDD
Figure 1. Load circuitry for switching times.
tPLZ
tPZL
VI
nOE INPUT
GND
VDD
OUTPUT
LOW-to-OFF
OFF-to-LOW
VOL
VOH
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
VSS
outputs
enabled
outputs
enabled
outputs
disabled
tPHZ
VM
VM
VM
tPZH
VX
VY
SW00245
VDD
Figure 2. 3-State enable and disable times
DUTY CYCLE
TSDKP
TSDKH
TSDRISE
TSDFALL
TSDKL
2.4
1.5
0.4
SW00247
Figure 3. Buffer Output clock
TEST CIRCUIT
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
VDD
TEST
S1
tPLH/tPHL
Open
tPLZ/tPZL
2
<VDD
tPHZ/tPZH
VSS
Open
VSS
S1
2
<VDD
500
500
SW00251
Figure 4. Load circuitry for switching times


Similar Part No. - PCK2002DL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2002M PHILIPS-PCK2002M Datasheet
92Kb / 12P
   0-300 MHz I2C 1:10 clock buffer
2001 Jul 19
PCK2002MDB PHILIPS-PCK2002MDB Datasheet
92Kb / 12P
   0-300 MHz I2C 1:10 clock buffer
2001 Jul 19
PCK2002MPW PHILIPS-PCK2002MPW Datasheet
92Kb / 12P
   0-300 MHz I2C 1:10 clock buffer
2001 Jul 19
PCK2002P PHILIPS-PCK2002P Datasheet
74Kb / 8P
   140 MHz PCI-X clock buffer
2001 May 09
PCK2002PD PHILIPS-PCK2002PD Datasheet
74Kb / 8P
   140 MHz PCI-X clock buffer
2001 May 09
More results

Similar Description - PCK2002DL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2002M PHILIPS-PCK2002M Datasheet
92Kb / 12P
   0-300 MHz I2C 1:10 clock buffer
2001 Jul 19
PCK2001 PHILIPS-PCK2001 Datasheet
80Kb / 13P
   14.318-150 MHz I2C 1:18 Clock Buffer
1999 Jul 06
PCK2001M PHILIPS-PCK2001M Datasheet
79Kb / 13P
   14.318-150 MHz I2C 1:10 Clock Buffer
1999 Jul 06
PCK2001R PHILIPS-PCK2001R Datasheet
76Kb / 12P
   14.318 . 133 MHz I2C 1:6 clock buffer
2000 Jul 25
logo
Pericom Semiconductor C...
PI6C180B PERICOM-PI6C180B Datasheet
573Kb / 7P
   Precision 1-18 Clock Buffer
logo
Cypress Semiconductor
CY29940-1 CYPRESS-CY29940-1 Datasheet
200Kb / 7P
   2.5V or 3.3V, 200-MHz 1:18 Clock Distribution Buffer
CY29940 CYPRESS-CY29940_06 Datasheet
256Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29940 CYPRESS-CY29940 Datasheet
189Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29943 CYPRESS-CY29943 Datasheet
188Kb / 7P
   2.5V or 3.3V 200-MHz 1:18 Clock Distribution Buffer
CY29942 CYPRESS-CY29942 Datasheet
184Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com