Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTK3142P Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTK3142P
Description  High Efficiency DC-DC Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTK3142P Datasheet(HTML) 2 Page - ON Semiconductor

  NTK3142P Datasheet HTML 1Page - ON Semiconductor NTK3142P Datasheet HTML 2Page - ON Semiconductor NTK3142P Datasheet HTML 3Page - ON Semiconductor NTK3142P Datasheet HTML 4Page - ON Semiconductor NTK3142P Datasheet HTML 5Page - ON Semiconductor NTK3142P Datasheet HTML 6Page - ON Semiconductor NTK3142P Datasheet HTML 7Page - ON Semiconductor NTK3142P Datasheet HTML 8Page - ON Semiconductor NTK3142P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Page 
Portable Solutions
Low Profile, Small Footprint Packaging
ON Semiconductor offers the latest in low-profile, small-outline packaging.
We enable the design and production of ultra-thin end-user products for the
consumer market, by manufacturing some of the lowest profile packaging
available in the world, in vast volumes. Whether you are designing mobile
phones, MP3 players, digital still cameras, PDAs, game players, or other portable
appliances, our packaging technology allows the ON Semiconductor product
portfolio to be used in designs with the most demanding space constraints.
All of our packages are available with Pb-free leads to ensure compliance with
RoHS standards.
SOT−553, 5 LEAD
0.50 mm
BSC
0.35 mm
BSC
0.08 (0.003)
X
0.20 mm
0.15 mm
5 PL
0.13 mm
1.60 mm
1.00 mm
1.20 mm
0.80 mm
Y
1 2
3
4
5
0.20 mm
0.55 mm
0.45 mm
1.60 mm
1.00 mm
SOD–723
1.00 mm
0.60 mm
0.28 mm
0.12 mm
0.52 mm
0.20 mm
2X
0.08 (0.0032) X Y
1.40 mm
SOD–923
0.80 mm
0.60 mm
0.20 mm
0.12 mm
0.40 mm
0.10 mm
2X
0.08 (0.0032)
NOT TO SCALE
X Y
1.00 mm
0.10 mm
0.10 mm
X
0.08
5X
Y
1 2
3
4
5
SOT−953


Similar Part No. - NTK3142P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTK3142PT1G ONSEMI-NTK3142PT1G Datasheet
131Kb / 5P
   Small Signal MOSFET ??0 V, ??80 mA, P?묬hannel with ESD Protection, SOT??23
November, 2009 ??Rev. 2
NTK3142PT5G ONSEMI-NTK3142PT5G Datasheet
131Kb / 5P
   Small Signal MOSFET ??0 V, ??80 mA, P?묬hannel with ESD Protection, SOT??23
November, 2009 ??Rev. 2
More results

Similar Description - NTK3142P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK3R2A10PL TOSHIBA-TK3R2A10PL Datasheet
728Kb / 9P
   High-Efficiency DC-DC Converters
TK3R9E10PL TOSHIBA-TK3R9E10PL Datasheet
720Kb / 9P
   High-Efficiency DC-DC Converters
logo
Artesyn Technologies
SXE15 ARTESYN-SXE15_05 Datasheet
374Kb / 28P
   High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK3R1A04PL TOSHIBA-TK3R1A04PL Datasheet
438Kb / 9P
   High-Efficiency DC-DC Converters
TPCA8064-H TOSHIBA-TPCA8064-H Datasheet
275Kb / 9P
   High-Efficiency DC-DC Converters
TK2R9E10PL TOSHIBA-TK2R9E10PL Datasheet
716Kb / 9P
   High-Efficiency DC-DC Converters
logo
Artesyn Technologies
CXE15 ARTESYN-CXE15 Datasheet
391Kb / 24P
   High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK3R2E06PL TOSHIBA-TK3R2E06PL Datasheet
471Kb / 9P
   High-Efficiency DC-DC Converters
TK3R3A06PL TOSHIBA-TK3R3A06PL Datasheet
497Kb / 9P
   High-Efficiency DC-DC Converters
TK3R1E04PL TOSHIBA-TK3R1E04PL Datasheet
448Kb / 9P
   High-Efficiency DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com