Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXFV202 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXFV202
Description  Quad, single, triple and dual video amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXFV202 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXFV202 Datasheet HTML 1Page - Zetex Semiconductors ZXFV202 Datasheet HTML 2Page - Zetex Semiconductors ZXFV202 Datasheet HTML 3Page - Zetex Semiconductors ZXFV202 Datasheet HTML 4Page - Zetex Semiconductors ZXFV202 Datasheet HTML 5Page - Zetex Semiconductors ZXFV202 Datasheet HTML 6Page - Zetex Semiconductors ZXFV202 Datasheet HTML 7Page - Zetex Semiconductors ZXFV202 Datasheet HTML 8Page - Zetex Semiconductors ZXFV202 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Issue 5 - May 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
ZXFV201, ZXFV202, ZXFV203, ZXFV204
Quad, single, triple and dual video amplifiers
Device description
The
ZXFV201,
ZXFV202,
ZXFV203
and
ZXFV204 are quad, single, triple and dual,
respectively, high speed amplifiers designed
for video and other high speed applications.
Their
low
differential
gain
and
phase
performance
make
them
ideal
for
video
amplifier buffer applications.
The quad allows one IC to drive RGBS format
component video signals, while the triple
provides RGB component video buffer/driver.
The dual amplifier is a mainstay of the video
market providing two channels in the space of
1 single in SO8. The small size of the ZXFV202
in SOT23 allows it to be placed where needed
for position/size critical applications.
Together with high output drive and slew rate
capability, they bring high performance to
video applications.
Ordering information
Features
High speed
Gain of 1 - 3dB bandwidth 210MHz
Slew rate 380V/µs
Good video
25 MHz 0.1dB bandwidth
Differential gain 0.04%
Differential phase 0.04°
40mA output current @ 3V Output
Characterized up to 300pF load
±5 Volt supply operation
Supply current 7.5mA per amplifier
Applications
Industry standard pinouts
Video gain stages
•CCTV buffer
Video distribution
RGB buffering
•Home theater
High speed ADC signal input drive
Cable driving
Application diagram
Part number
Descrip-
tion
Status
Reel size
(inches)
Qty.
Part
mark
ZXFV202E5TA
Single
Active
7
3,000
V202
ZXFV202E5TD
Single Obsolete
7
500
V202
ZXFV202N8TA Single Obsolete
7
500
ZXFV202
ZXFV204N8TA
Dual
Obsolete
7
500
ZXFV204
ZXFV204N8TC
Dual
Active
13
2,500 ZXFV204
ZXFV203N14TA Triple
Active
7
500
ZXFV203
ZXFV203N14TC Triple
Obsolete
13
2,500 ZXFV203
ZXFV201N14TA
Quad
LTB
7
500
ZXFV201
ZXFV201N14TC
Quad
Obsolete
13
2,500 ZXFV201
75
Co-ax
75
Co-ax
75
Back termination
+2
+2
Y
C
Dual amplifier S - video driver


Similar Part No. - ZXFV202

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXFV202 ZETEX-ZXFV202 Datasheet
34Kb / 2P
   Video Amplifier
ZXFV202 ZETEX-ZXFV202 Datasheet
298Kb / 10P
   Quad, single, triple and dual video amplifiers
ZXFV202E5TA ZETEX-ZXFV202E5TA Datasheet
34Kb / 2P
   Video Amplifier
ZXFV202E5TA ZETEX-ZXFV202E5TA Datasheet
298Kb / 10P
   Quad, single, triple and dual video amplifiers
ZXFV202E5TC ZETEX-ZXFV202E5TC Datasheet
34Kb / 2P
   Video Amplifier
More results

Similar Description - ZXFV202

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
   Quad, single, triple and dual video amplifiers
logo
Linear Technology
LT6550 LINER-LT6550_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6550 LINER-LT6550 Datasheet
514Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6551 LINER-LT6551_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
logo
Maxim Integrated Produc...
ICL7611ACPA MAXIM-ICL7611ACPA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
ICL7611DESA MAXIM-ICL7611DESA Datasheet
517Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 3; 5/10
ICL7611 MAXIM-ICL7611 Datasheet
1Mb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
ICL761X MAXIM-ICL761X Datasheet
510Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 2; 4/08
ICL7612 MAXIM-ICL7612 Datasheet
1Mb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
ICL761X MAXIM-ICL761X_1 Datasheet
517Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 3; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com