Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL11D Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100EL11D
Description  Evaluation Board Manual for High Frequency SOIC 8
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL11D Datasheet(HTML) 2 Page - ON Semiconductor

  MC100EL11D Datasheet HTML 1Page - ON Semiconductor MC100EL11D Datasheet HTML 2Page - ON Semiconductor MC100EL11D Datasheet HTML 3Page - ON Semiconductor MC100EL11D Datasheet HTML 4Page - ON Semiconductor MC100EL11D Datasheet HTML 5Page - ON Semiconductor MC100EL11D Datasheet HTML 6Page - ON Semiconductor MC100EL11D Datasheet HTML 7Page - ON Semiconductor MC100EL11D Datasheet HTML 8Page - ON Semiconductor MC100EL11D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ECLSOIC8EVB
http://onsemi.com
2
Figure 2. Evaluation Board Lay−up
LAY−UP DETAIL
4 LAYER
LAYER 1 (TOP SIDE)
ROGERS 4003 0.008 in
LAYER 2 (GROUND AND VEE PLANE P1) 1 OZ
FR−4 0.020 in
LAYER 3 (GROUND AND VCC PLANE P2) 1 OZ
FR−4 0.025 in
LAYER 4 (BOTTOM SIDE)
SILKSCREEN (TOP SIDE)
0.062
$ 0.007
Board Layout
The 8−lead SOIC evaluation board was designed to be
versatile and accommodate several different configurations.
The input, output, and power pin layout of the evaluation
board is shown in Figure 3. The evaluation board has at least
eleven possible configurable options. Table 1. list the
devices and the relevant configuration that utilizes this PCB
board. List of components and simple schematics are located
in Figures 4 through 14. Place SMA connectors on J1
through J7, 50
W chip resistors on R1 through R7, and chip
capacitors C1 through C4 according to configuration
figures. (C1 and C2 are 0.01
mF and C3 and C4 are 0.1 mF).
Figure 3. Evaluation Board Layout
Top View
Bottom View


Similar Part No. - MC100EL11D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL11D ONSEMI-MC100EL11D Datasheet
150Kb / 9P
   5.0 V ECL 1:2 Differential Fanout Buffer
December, 2006??Rev. 9
MC100EL11DG ONSEMI-MC100EL11DG Datasheet
150Kb / 9P
   5.0 V ECL 1:2 Differential Fanout Buffer
December, 2006??Rev. 9
MC100EL11DG ONSEMI-MC100EL11DG Datasheet
166Kb / 8P
   5.0V ECL 1:2 Differential Fanout Buffer
July, 2016??Rev. 11
MC100EL11DR2 ONSEMI-MC100EL11DR2 Datasheet
150Kb / 9P
   5.0 V ECL 1:2 Differential Fanout Buffer
December, 2006??Rev. 9
MC100EL11DR2G ONSEMI-MC100EL11DR2G Datasheet
150Kb / 9P
   5.0 V ECL 1:2 Differential Fanout Buffer
December, 2006??Rev. 9
More results

Similar Description - MC100EL11D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ECLSOIC8EVB ONSEMI-ECLSOIC8EVB Datasheet
201Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
ECLLQFP32EVB ONSEMI-ECLLQFP32EVB Datasheet
238Kb / 22P
   Evaluation Board Manual for High Frequency LQFP32
April, 2003 - Rev. 1
ECLTSSOP20EVB ONSEMI-ECLTSSOP20EVB Datasheet
188Kb / 18P
   Evaluation Board Manual for High Frequency TSSOP 20
May, 2003 - Rev. 1
NB4N527SMNEVB ONSEMI-NB4N527SMNEVB Datasheet
321Kb / 8P
   Evaluation Board Manual for NB4N527S
September, 2008 ??Rev. 1
NBSG111BAEVB ONSEMI-NBSG111BAEVB Datasheet
355Kb / 12P
   Evaluation Board Manual for NBSG111
October, 2003 ??Rev. 0
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
   Evaluation Board Manual
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
logo
Motorola, Inc
MC145192EVK MOTOROLA-MC145192EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com