Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9948KCP Datasheet(PDF) 7 Page - Analog Devices

Part # AD9948KCP
Description  10-Bit CCD Signal Processor with Precision Timing??Core
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9948KCP Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9948KCP Datasheet HTML 3Page - Analog Devices AD9948KCP Datasheet HTML 4Page - Analog Devices AD9948KCP Datasheet HTML 5Page - Analog Devices AD9948KCP Datasheet HTML 6Page - Analog Devices AD9948KCP Datasheet HTML 7Page - Analog Devices AD9948KCP Datasheet HTML 8Page - Analog Devices AD9948KCP Datasheet HTML 9Page - Analog Devices AD9948KCP Datasheet HTML 10Page - Analog Devices AD9948KCP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
REV. 0
Typical Performance Characteristics–AD9948
–7–
–1.0
0
1000
400
200
600
800
–0.5
0
0.5
1.0
ADC OUTPUT CODE
TPC 1. Typical DNL
VGA GAIN CODE (LSB)
0
0
1000
400
200
2.5
600
800
5.0
7.5
10
TPC 2. Output Noise vs. VGA Gain
SAMPLE RATE (MHz)
250
200
100
25
10
150
175
225
15
VDD = 3.3V
20
125
275
VDD = 3.0V
VDD = 2.7V
TPC 3. Power Curves


Similar Part No. - AD9948KCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9948 AD-AD9948 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD9948AD9949 AD-AD9948AD9949 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD9948 AD-AD9948_15 Datasheet
545Kb / 28P
   10-Bit CCD Signal Processor with Precision Timing Core
REV. 0
More results

Similar Description - AD9948KCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9948 AD-AD9948_15 Datasheet
545Kb / 28P
   10-Bit CCD Signal Processor with Precision Timing Core
REV. 0
AD9979 AD-AD9979_15 Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9949 AD-AD9949 Datasheet
713Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
AD9979BCPZRL AD-AD9979BCPZRL Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979 AD-AD9979 Datasheet
62Kb / 2P
   14-Bit, CCD Signal Processor with Precision Timing Core
Rev. Sp0
AD9979BCPZ AD-AD9979BCPZ Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9949 AD-AD9949_15 Datasheet
714Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
AD9991 AD-AD9991_15 Datasheet
836Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
AD9991 AD-AD9991 Datasheet
770Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing ??Generator
REV. 0
AD9942 AD-AD9942_15 Datasheet
654Kb / 36P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com