Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXFV204N8TC Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXFV204N8TC
Description  Quad, single, triple and dual video amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXFV204N8TC Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXFV204N8TC Datasheet HTML 1Page - Zetex Semiconductors ZXFV204N8TC Datasheet HTML 2Page - Zetex Semiconductors ZXFV204N8TC Datasheet HTML 3Page - Zetex Semiconductors ZXFV204N8TC Datasheet HTML 4Page - Zetex Semiconductors ZXFV204N8TC Datasheet HTML 5Page - Zetex Semiconductors ZXFV204N8TC Datasheet HTML 6Page - Zetex Semiconductors ZXFV204N8TC Datasheet HTML 7Page - Zetex Semiconductors ZXFV204N8TC Datasheet HTML 8Page - Zetex Semiconductors ZXFV204N8TC Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ZXFV201, ZXFV202, ZXFV203, ZXFV204
Issue 5 - May 2007
2
www.zetex.com
© Zetex Semiconductors plc 2007
Power derating table
Recommended operating conditions
Recommended resistor values
V= 5V, CL = 10pF
Absolute maximum ratings over operating free-air temperature (unless
otherwise stated (a))
NOTES:
(a) Stresses above those listed under Absolute maximum ratings may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Supply voltage (VS+ to VS-)
-0.5V to +11V
Input voltage (VIN-, VIN+)
(b)
(b) During power-up and power-down, these voltage ratings require that signals be applied only when the power supply
is connected.
VS- -0.5V to VS+ +0.5 V
Differential input voltage (VID)±3V
Inverting input current (IIN-)
(c)
(c) At high closed loop gains and low gain setting resistors care must be taken if large input signals are applied to the
device which cause the output stage to saturate for extended periods of time.
±5mA
Output current (continuous, TJ < 110°C)
±60mA
Internal power dissipation
See power dissipation derating table
Storage temperature range
-65°C to +150°C
Operating ambient junction temperature (TJMAX)
150°C
Package
Theta-ja
Power rating at 25'C
SOT23-5
195°C/W
0.64W
SO8
168°C/W
0.74W
SO14
120°C/W
1.04W
Parameter
Min.
Max.
Unit
V
Dual supply voltage range
±4.75
±5.25
V
VCMR
Common mode input voltage range
-3
+3
V
TA
Ambient temperature range
-40
85
°C
GCL
RF
RG
Peaking
680
n/c
2 dB
1
820
0
1000
-2dB
430
430
2dB
2470
470
1.5dB
560
560
0


Similar Part No. - ZXFV204N8TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXFV204N8TC ZETEX-ZXFV204N8TC Datasheet
298Kb / 10P
   Quad, single, triple and dual video amplifiers
More results

Similar Description - ZXFV204N8TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
   Quad, single, triple and dual video amplifiers
logo
Linear Technology
LT6550 LINER-LT6550_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6550 LINER-LT6550 Datasheet
514Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6551 LINER-LT6551_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
logo
Maxim Integrated Produc...
ICL7611ACPA MAXIM-ICL7611ACPA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
ICL7611DESA MAXIM-ICL7611DESA Datasheet
517Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 3; 5/10
ICL7611 MAXIM-ICL7611 Datasheet
1Mb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
ICL761X MAXIM-ICL761X Datasheet
510Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 2; 4/08
ICL7612 MAXIM-ICL7612 Datasheet
1Mb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
ICL761X MAXIM-ICL761X_1 Datasheet
517Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 3; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com