Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRM10 Datasheet(PDF) 8 Page - ON Semiconductor

Part # MBRM10
Description  High Efficiency DC-DC Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRM10 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MBRM10 Datasheet HTML 4Page - ON Semiconductor MBRM10 Datasheet HTML 5Page - ON Semiconductor MBRM10 Datasheet HTML 6Page - ON Semiconductor MBRM10 Datasheet HTML 7Page - ON Semiconductor MBRM10 Datasheet HTML 8Page - ON Semiconductor MBRM10 Datasheet HTML 9Page - ON Semiconductor MBRM10 Datasheet HTML 10Page - ON Semiconductor MBRM10 Datasheet HTML 11Page - ON Semiconductor MBRM10 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Page 8
Portable Solutions
Low Standby Current Battery Management for Extended Battery Life
FAULT
VCC
CFLG
V2P8
EN
VSNS
BAT
GND
ISEL TIMER
Vin
80 k
RISEL
4.7 F
Cin
GND
15 nF
CT
Microprocessor
4.7 F
Cout
Vin
0.1 F
C2p8
4.1
3.7
3.5
3.3
2.9
2.7
2.5
VSNS, BATTERY VOLTAGE (V)
0.2
0.48
0.32
0.24
9
.
3
1
.
3
0.28
0.44
0.36
0.40
VCC = 0
Typical Application Circuit
Battery Drain Current versus Battery Voltage
Battery Management Circuits
Device
Description
Package
Key Features
NCP185
Up to 1 A Single-Cell Lithium-ion/Polymer Integrated CCCV Battery Charger
DFN-10
No External MOSFET
NCP185B
Up to 00 mA Single-Cell Lithium-ion/Polymer Integrated CCCV Battery Charger
DFN-10
No External MOSFET
NCP1800
Single-Cell Lithium-ion CCCV Battery Charger
Micro8™
Industry Leading Standby Current 0.5 μA, Adjustable Charge Current Limit
MC0/
Nickel Chemistry Battery Cradle Charger
SOIC-8
Peak Voltage Detection
Battery Protection Circuits
Device
Overvoltage Protection
MOSFET
Package
Ambient Operating
Temperature (°C)
UVLO (V)
OVP (V)
Logic
Overide
Vds (V)
Rdson max
(mW) @ 4.5 V
Type
Area (mm)
Height
(mm)
NUS05
.8
6.85
Yes
0
71
DFN
. x .
0.85
-0 to +85
NUS05
.8
6.85
Yes
0
66
DFN
. x .
0.85
-0 to +85
NUS06
5.5
Yes
0
66
DFN
. x .
0.85
-0 to +85
NUS10
.7
No
1
75
TDFN
.0 x .0
0.85
-0 to +85
NUS055
.8
6.85
Yes
0
66
TLLGA
.5 x .0
0.55
-0 to +85
NUS05
.5
Yes
0
66
TLLGA
.5 x .0
0.55
-0 to +85
NCP5
.6
6.85
Yes
NA
NA
SOT--5
.0 x .75
1.00
-0 to +85
NCP6
., 5.5
Yes
NA
NA
SOT--5
.0 x .75
1.00
-0 to +85
+
OUT
IN
Vref
GND
CNTRL
+
VCC
Logic
FET
Driver
Undervoltage
Lock Out
LOAD
AC/DC Adapter or
Accessory Charger
C1
Schottky
Diode
Microprocessor port
P−CH
Typical OVP Device Diagram
Integrated Overvoltage Protection for Battery and Charging Circuits


Similar Part No. - MBRM10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRM110E ONSEMI-MBRM110E Datasheet
81Kb / 8P
   Surface Mount Schottky Power Rectifier
October, 2001 ??Rev. 0
MBRM110E ONSEMI-MBRM110E Datasheet
112Kb / 5P
   Surface Mount Schottky Power Rectifier
September, 2006 ??Rev. 2
MBRM110ET1 ONSEMI-MBRM110ET1 Datasheet
81Kb / 8P
   Surface Mount Schottky Power Rectifier
October, 2001 ??Rev. 0
MBRM110ET1 ONSEMI-MBRM110ET1 Datasheet
112Kb / 5P
   Surface Mount Schottky Power Rectifier
September, 2006 ??Rev. 2
MBRM110ET1G ONSEMI-MBRM110ET1G Datasheet
112Kb / 5P
   Surface Mount Schottky Power Rectifier
September, 2006 ??Rev. 2
More results

Similar Description - MBRM10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK3R2A10PL TOSHIBA-TK3R2A10PL Datasheet
728Kb / 9P
   High-Efficiency DC-DC Converters
TK3R9E10PL TOSHIBA-TK3R9E10PL Datasheet
720Kb / 9P
   High-Efficiency DC-DC Converters
logo
Artesyn Technologies
SXE15 ARTESYN-SXE15_05 Datasheet
374Kb / 28P
   High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK3R1A04PL TOSHIBA-TK3R1A04PL Datasheet
438Kb / 9P
   High-Efficiency DC-DC Converters
TPCA8064-H TOSHIBA-TPCA8064-H Datasheet
275Kb / 9P
   High-Efficiency DC-DC Converters
TK2R9E10PL TOSHIBA-TK2R9E10PL Datasheet
716Kb / 9P
   High-Efficiency DC-DC Converters
logo
Artesyn Technologies
CXE15 ARTESYN-CXE15 Datasheet
391Kb / 24P
   High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK3R2E06PL TOSHIBA-TK3R2E06PL Datasheet
471Kb / 9P
   High-Efficiency DC-DC Converters
TK3R3A06PL TOSHIBA-TK3R3A06PL Datasheet
497Kb / 9P
   High-Efficiency DC-DC Converters
TK3R1E04PL TOSHIBA-TK3R1E04PL Datasheet
448Kb / 9P
   High-Efficiency DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com