Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS23SC1604-X4 Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS23SC1604-X4
Description  16-KBIT SECURED SERIAL EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS23SC1604-X4 Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS23SC1604-X4 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS23SC1604-X4 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS23SC1604-X4 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS23SC1604-X4 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS23SC1604-X4 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS23SC1604-X4 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS23SC1604-X4 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS23SC1604-X4 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS23SC1604-X4 Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
7
ADVANCE INFORMATION
Rev. 00E
04/10/03
IS23SC1604
ISSI®
I/O
GND
Test Point
Chip
100 pF
4.7K
AC Test Conditions
Parameter
Value
Input Pulse Levels
GND to 3.0V
Input Rise and Fall Time
5 ns
Input and Output Timing and Reference Level
0.8V and 2.0V
Output Load
100 pF
AC Electrical Characteristics (TA = 0 to 70°C, Vcc = 5.0V + 10%; GND = 0V)
Symbol
Parameter
Min.
Typ.
Max.
Unit
fCLK
Clock Frequency
300
KHz
tCLK
Clock Cycle Time
3.3
ms
tRH
RST Hold Time
0.1
ms
tDVR
Data Valid Reset to Address 0
2.0
ms
tCH
CLK Pulse Width (High)
0.2
ms
tCL
CLK Pulse Width (Low)
0.2
ms
tDV
Data Access
2.0
ms
tOH
Data Hold
0
ms
tSC
Data in Setup (CMP Instruction)
0
ms
tHC
Data in Hold (CMP Instruction)
0.2
ms
tCHP
CLK Pulse Width (High in Erase/Write)
5.0
ms
tDS
Data in Setup
0.2
ms
tDH
Data in Hold
0
ms
tSPR
PGM Setup
2.2
ms
tHPR
PGM Hold
0.2
ms
AC Test Load


Similar Part No. - IS23SC1604-X4

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS23SC4418 ISSI-IS23SC4418 Datasheet
68Kb / 12P
   1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
IS23SC4428-X2 ISSI-IS23SC4428-X2 Datasheet
68Kb / 12P
   1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
IS23SC4428-X2I ISSI-IS23SC4428-X2I Datasheet
68Kb / 12P
   1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
IS23SC4428-X3 ISSI-IS23SC4428-X3 Datasheet
68Kb / 12P
   1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
IS23SC4428-X3I ISSI-IS23SC4428-X3I Datasheet
68Kb / 12P
   1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
More results

Similar Description - IS23SC1604-X4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C16-W STMICROELECTRONICS-M24C16-W Datasheet
654Kb / 40P
   16-Kbit serial I2C bus EEPROM
Rev 11 - October 2020
M24164 STMICROELECTRONICS-M24164 Datasheet
135Kb / 21P
   16 Kbit Serial I2C BUS EEPROM
M24C16-WMN6P STMICROELECTRONICS-M24C16-WMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-BN6 STMICROELECTRONICS-M24C04-BN6 Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-WMN6 STMICROELECTRONICS-M24C04-WMN6 Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-WMN6P STMICROELECTRONICS-M24C04-WMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C16-RBN6P STMICROELECTRONICS-M24C16-RBN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C16 STMICROELECTRONICS-M24C16_10 Datasheet
510Kb / 39P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-FMC5TG STMICROELECTRONICS-M24C04-FMC5TG Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C16-RMN6P STMICROELECTRONICS-M24C16-RMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com