Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS23SC1604-PI Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS23SC1604-PI
Description  16-KBIT SECURED SERIAL EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS23SC1604-PI Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS23SC1604-PI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS23SC1604-PI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS23SC1604-PI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS23SC1604-PI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS23SC1604-PI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS23SC1604-PI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS23SC1604-PI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS23SC1604-PI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS23SC1604-PI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
5
ADVANCE INFORMATION
Rev. 00E
04/10/03
IS23SC1604
ISSI®
Device Operations (1)
Operation
FUS
PGM
RST
CLK
Description
Reset
X
X
0
The address counter is reset to zero and the
first bit of the memory is output after the falling
edge of RST.
INC/Read
X
0
0
The address counter is incremented and the first
bit is output after the falling edge of the clock if
read access to the bit location is enabled.
INC/CMP
X
0
0
Compare the input bit with the internal bit of the
memory (for Security/Erase Key codes validation).
The address counter is incremented on the falling
edge of CLK. The input bit is latched into the device
at the rising edge of CLK and the bit comparison
is done on the next falling edge of CLK.
Erase/Write
X
1
0
For write operation (write a ‘0’ to the current
address), a ‘0’ is placed on I/O before the rising
edge of CLK. For erase byte operation (write FFH
to the byte that contains the current bit), a ‘1’ is
placed on I/O before the rising edge of CLK. CLK
must stay HIGH for 5 ms during memory programming.
Verify
X
0
0
The new content of the current address will be
output after the falling edge of CLK for verification.
Standby
0
0
1
X
The device is placed into standby mode. In this
mode, the address counter will not be incremented
with clock pulse when RST is HIGH.
Note:
1. X = Don’t Care.


Similar Part No. - IS23SC1604-PI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS23SC4418 ISSI-IS23SC4418 Datasheet
68Kb / 12P
   1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
IS23SC4428-X2 ISSI-IS23SC4428-X2 Datasheet
68Kb / 12P
   1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
IS23SC4428-X2I ISSI-IS23SC4428-X2I Datasheet
68Kb / 12P
   1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
IS23SC4428-X3 ISSI-IS23SC4428-X3 Datasheet
68Kb / 12P
   1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
IS23SC4428-X3I ISSI-IS23SC4428-X3I Datasheet
68Kb / 12P
   1-KBYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY CODE (PSC)
More results

Similar Description - IS23SC1604-PI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C16-W STMICROELECTRONICS-M24C16-W Datasheet
654Kb / 40P
   16-Kbit serial I2C bus EEPROM
Rev 11 - October 2020
M24164 STMICROELECTRONICS-M24164 Datasheet
135Kb / 21P
   16 Kbit Serial I2C BUS EEPROM
M24C16-WMN6P STMICROELECTRONICS-M24C16-WMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-BN6 STMICROELECTRONICS-M24C04-BN6 Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-WMN6 STMICROELECTRONICS-M24C04-WMN6 Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-WMN6P STMICROELECTRONICS-M24C04-WMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C16-RBN6P STMICROELECTRONICS-M24C16-RBN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C16 STMICROELECTRONICS-M24C16_10 Datasheet
510Kb / 39P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-FMC5TG STMICROELECTRONICS-M24C04-FMC5TG Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C16-RMN6P STMICROELECTRONICS-M24C16-RMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com