Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS650ZL1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MPS650ZL1G
Description  Amplifier Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS650ZL1G Datasheet(HTML) 4 Page - ON Semiconductor

  MPS650ZL1G Datasheet HTML 1Page - ON Semiconductor MPS650ZL1G Datasheet HTML 2Page - ON Semiconductor MPS650ZL1G Datasheet HTML 3Page - ON Semiconductor MPS650ZL1G Datasheet HTML 4Page - ON Semiconductor MPS650ZL1G Datasheet HTML 5Page - ON Semiconductor MPS650ZL1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MPS650, MPS651, NPN MPS750, MPS751, PNP
http://onsemi.com
4
Figure 5. MPS650, MPS651
Collector Saturation Region
IB, BASE CURRENT (mA)
0.05
1.0
0
NPN
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1 0.2
0.5 1.0 2.0
5.0 10 20
50 100 200 500
TJ = 25°C
IC = 10 mA IC = 100 mA IC = 500 mA
IC = 2.0 A
−10
−4.0
−2.0
−1.0
−0.5
−0.2
−0.1
−0.02
−0.01
−1.0
−2.0
−5.0
−10
−20
−50
−100
100 ms
1.0 ms
TA = 25°C
TC = 25°C
MPS75
0
MPS75
1
WIRE LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
−0.05
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
PNP
IB, BASE CURRENT (mA)
PNP
Figure 6. MPS750, MPS751
Collector Saturation Region
TJ = 25°C
IC = −10 mA
IC = −100 mA
IC = −500 mA
IC = −2.0 A
−0.05
−1.0
0
−0.1
−0.2
−0.3
−0.4
−0.5
−0.6
−0.7
−0.8
−0.9
−0.1 −0.2 −0.5 −1.0 −2.0 −5.0 −10 −20 −50 −100−200 −500
10
4.0
2.0
1.0
0.5
0.2
0.1
0.05
0.02
0.01
1.0
2.0
5.0
10
20
50
100
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
Figure 7. MPS650, MPS651 SOA,
Safe Operating Area
TA = 25°C
1.0 ms
TC = 25°C
100 ms
MPS65
0
MPS65
1
WIRE LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
Figure 8. MPS750, MPS751 SOA,
Safe Operating Area
NPN


Similar Part No. - MPS650ZL1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS650 ONSEMI-MPS650 Datasheet
74Kb / 5P
   Amplifier Transistors
April, 2007 ??Rev. 3
logo
Central Semiconductor C...
MPS650 CENTRAL-MPS650 Datasheet
463Kb / 2P
   NPN - High Current Transistor Chip
logo
Continental Device Indi...
MPS650 CDIL-MPS650 Datasheet
197Kb / 3P
   NPN/PNP SILICON PLANAR AMPLIFIER TRANSISTORS
logo
New Jersey Semi-Conduct...
MPS650 NJSEMI-MPS650 Datasheet
96Kb / 2P
   Amplifier Transistors
logo
Central Semiconductor C...
MPS650 CENTRAL-MPS650 Datasheet
1,017Kb / 5P
   COMPLEMENTARY SILICON TRANSISTORS
More results

Similar Description - MPS650ZL1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com