Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS751G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MPS751G
Description  Amplifier Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS751G Datasheet(HTML) 2 Page - ON Semiconductor

  MPS751G Datasheet HTML 1Page - ON Semiconductor MPS751G Datasheet HTML 2Page - ON Semiconductor MPS751G Datasheet HTML 3Page - ON Semiconductor MPS751G Datasheet HTML 4Page - ON Semiconductor MPS751G Datasheet HTML 5Page - ON Semiconductor MPS751G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MPS650, MPS651, NPN MPS750, MPS751, PNP
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector −Emitter Breakdown Voltage (Note 1)
(IC = 10 mAdc, IB = 0)
MPS650, MPS750
MPS651, MPS751
V(BR)CEO
40
60
Vdc
Collector −Base Breakdown Voltage
(IC = 100 mAdc, IE = 0 )
MPS650, MPS750
MPS651, MPS751
V(BR)CBO
60
80
Vdc
Emitter −Base Breakdown Voltage
(IC = 0, IE = 10 mAdc)
V(BR)EBO
5.0
Vdc
Collector Cutoff Current
(VCB = 60 Vdc, IE = 0)
MPS650, MPS750
(VCB = 80 Vdc, IE = 0)
MPS651, MPS751
ICBO
0.1
0.1
mAdc
Emitter Cutoff Current
(VEB = 4.0 V, IC = 0)
IEBO
0.1
mAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 50 mA, VCE = 2.0 V)
(IC = 500 mA, VCE = 2.0 V)
(IC = 1.0 A, VCE = 2.0 V)
(IC = 2.0 A, VCE = 2.0 V)
hFE
75
75
75
40
Collector −Emitter Saturation Voltage
(IC = 2.0 A, IB = 200 mA)
(IC = 1.0 A, IB = 100 mA)
VCE(sat)
0.5
0.3
Vdc
Base−Emitter On Voltage (IC = 1.0 A, VCE = 2.0 V)
VBE(on)
1.0
Vdc
Base −Emitter Saturation Voltage (IC = 1.0 A, IB = 100 mA)
VBE(sat)
1.2
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product (Note 2)
(IC = 50 mAdc, VCE = 5.0 Vdc, f = 100 MHz)
fT
75
MHz
1. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle = 2.0%.
2. fT is defined as the frequency at which |hfe| extrapolates to unity.


Similar Part No. - MPS751G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MPS751 FAIRCHILD-MPS751 Datasheet
26Kb / 3P
   Silicon PNP Transistor
logo
KEC(Korea Electronics)
MPS751 KEC-MPS751 Datasheet
370Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
ON Semiconductor
MPS751 ONSEMI-MPS751 Datasheet
74Kb / 5P
   Amplifier Transistors
April, 2007 ??Rev. 3
logo
Continental Device Indi...
MPS751 CDIL-MPS751 Datasheet
197Kb / 3P
   NPN/PNP SILICON PLANAR AMPLIFIER TRANSISTORS
logo
New Jersey Semi-Conduct...
MPS751 NJSEMI-MPS751 Datasheet
96Kb / 2P
   Amplifier Transistors
More results

Similar Description - MPS751G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com