Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL17SZ00DFT2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NL17SZ00DFT2G
Description  Single 2?묲nput NAND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ00DFT2G Datasheet(HTML) 5 Page - ON Semiconductor

  NL17SZ00DFT2G Datasheet HTML 1Page - ON Semiconductor NL17SZ00DFT2G Datasheet HTML 2Page - ON Semiconductor NL17SZ00DFT2G Datasheet HTML 3Page - ON Semiconductor NL17SZ00DFT2G Datasheet HTML 4Page - ON Semiconductor NL17SZ00DFT2G Datasheet HTML 5Page - ON Semiconductor NL17SZ00DFT2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NL17SZ00
http://onsemi.com
5
PACKAGE DIMENSIONS
SOT−353
(SC−88A, SC−70)
DF SUFFIX
CASE 419A−02
ISSUE J
mm
inches
SCALE 20:1
0.65
0.025
0.65
0.025
0.50
0.0197
0.40
0.0157
1.9
0.0748
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 419A−01 OBSOLETE. NEW STANDARD
419A−02.
4. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
1.80
2.20
0.071
0.087
INCHES
B
1.15
1.35
0.045
0.053
C
0.80
1.10
0.031
0.043
D
0.10
0.30
0.004
0.012
G
0.65 BSC
0.026 BSC
H
−−−
0.10
−−−
0.004
J
0.10
0.25
0.004
0.010
K
0.10
0.30
0.004
0.012
N
0.20 REF
0.008 REF
S
2.00
2.20
0.079
0.087
B
0.2 (0.008) MM
12
3
4
5
A
G
S
D 5 PL
H
C
N
J
K
−B−


Similar Part No. - NL17SZ00DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ00DFT2G ONSEMI-NL17SZ00DFT2G Datasheet
56Kb / 6P
   Single 2-Input NAND Gate
January, 2005 ??Rev. 4
NL17SZ00DFT2G ONSEMI-NL17SZ00DFT2G Datasheet
98Kb / 9P
   Single 2-Input NAND Gate
April, 2016 ??Rev. 13
NL17SZ00DFT2G ONSEMI-NL17SZ00DFT2G Datasheet
189Kb / 13P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 14
NL17SZ00DFT2G ONSEMI-NL17SZ00DFT2G Datasheet
160Kb / 13P
   Single 2-Input NAND Gate
May, 2022 - Rev. 17
NL17SZ00DFT2G-L22038 ONSEMI-NL17SZ00DFT2G-L22038 Datasheet
160Kb / 13P
   Single 2-Input NAND Gate
May, 2022 - Rev. 17
More results

Similar Description - NL17SZ00DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC00 ONSEMI-MC74VHC00 Datasheet
92Kb / 6P
   Quad 2?묲nput NAND Gate
January, 2006 ??Rev. 5
MC74AC00 ONSEMI-MC74AC00 Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
NL27WZ00 ONSEMI-NL27WZ00_06 Datasheet
88Kb / 6P
   Dual 2?묲nput NAND Gate
May, 2006 ??Rev. 6
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2_05 Datasheet
122Kb / 5P
   Single Gate 2?묲nput OR Gate
September, 2005 ??Rev. 2
NL17SV08XV5T2 ONSEMI-NL17SV08XV5T2 Datasheet
50Kb / 5P
   Single 2?묲nput AND Gate
October, 2005 ??Rev. 4
NL17SZ32 ONSEMI-NL17SZ32_06 Datasheet
115Kb / 6P
   Single 2?묲nput OR Gate
March, 2006 ??Rev. 6
MC74VHC1G02DTT1G ONSEMI-MC74VHC1G02DTT1G Datasheet
65Kb / 6P
   Single 2?묲nput NOR Gate
January, 2007 ??Rev. 17
NL17SZ08 ONSEMI-NL17SZ08_06 Datasheet
115Kb / 6P
   Single 2?묲nput AND Gate
March, 2006 ??Rev. 7
MC74HC1G08 ONSEMI-MC74HC1G08_07 Datasheet
85Kb / 6P
   Single 2?묲nput AND Gate
February, 2007 ??Rev. 11
MC74AC20 ONSEMI-MC74AC20_06 Datasheet
122Kb / 8P
   Dual 4?묲nput NAND Gate
October, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com