Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL17SZ32 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NL17SZ32
Description  Single 2?묲nput OR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ32 Datasheet(HTML) 1 Page - ON Semiconductor

  NL17SZ32 Datasheet HTML 1Page - ON Semiconductor NL17SZ32 Datasheet HTML 2Page - ON Semiconductor NL17SZ32 Datasheet HTML 3Page - ON Semiconductor NL17SZ32 Datasheet HTML 4Page - ON Semiconductor NL17SZ32 Datasheet HTML 5Page - ON Semiconductor NL17SZ32 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 6
1
Publication Order Number:
NL17SZ32/D
NL17SZ32
Single 2−Input OR Gate
The NL17SZ32 is a single 2−input OR Gate in two tiny footprint
packages. The device performs much as LCX multi−gate products in
speed and drive. They should be used wherever the need for higher
speed and drive are needed.
Features
Tiny SOT−353 and SOT−553 Packages
2.4 ns TPD at 5.0 V (typ)
Source/Sink 24 mA at 3.0 V
Over−Voltage Tolerant Inputs
Pin For Pin with NC7SZ32P5X, TC7SZ32FU and TC7SZ32AFE
Chip Complexity: FETs = 20
Designed for 1.65 V to 5.5 V VCC Operation
Pb−Free Packages are Available
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
w1
Y
A
B
VCC
B
A
1
2
3
5
4
GND
Y
MARKING
DIAGRAMS
L4 M G
G
SOT−353/SC70−5/SC−88A
DF SUFFIX
CASE 419A
SOT−553
XV5 SUFFIX
CASE 463B
1
5
1
5
1
5
1
5
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
Input
FUNCTION TABLE
B
L
H
L
H
Output
Y = A ) B
Y
L
H
H
H
A
L
L
H
H
PIN ASSIGNMENT
Pin
1
2
3
4
5
Function
A
B
GND
Y
VCC
http://onsemi.com
L4
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
L4 M G
G


Similar Part No. - NL17SZ32

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ32 ONSEMI-NL17SZ32 Datasheet
78Kb / 8P
   Single 2-Input OR Gate
February, 2003 - Rev. 2
NL17SZ32 ONSEMI-NL17SZ32 Datasheet
98Kb / 9P
   Single 2-Input OR Gate
November, 2015 ??Rev. 17
NL17SZ32 ONSEMI-NL17SZ32 Datasheet
190Kb / 13P
   Single 2-Input OR Gate
November, 2018 ??Rev. 18
NL17SZ32 ONSEMI-NL17SZ32 Datasheet
159Kb / 13P
   Single 2-Input OR Gate
June, 2022 - Rev. 21
NL17SZ32/D ONSEMI-NL17SZ32/D Datasheet
78Kb / 8P
   Single 2-Input OR Gate
February, 2003 - Rev. 2
More results

Similar Description - NL17SZ32

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2_05 Datasheet
122Kb / 5P
   Single Gate 2?묲nput OR Gate
September, 2005 ??Rev. 2
NL27WZ32 ONSEMI-NL27WZ32_06 Datasheet
63Kb / 5P
   Dual 2?묲nput OR Gate
April, 2006 ??Rev. 6
MC10H103 ONSEMI-MC10H103 Datasheet
150Kb / 6P
   Quad 2?묲nput OR Gate
February, 2006 ??Rev. 7
MC10H105 ONSEMI-MC10H105_06 Datasheet
150Kb / 6P
   Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
NL17SV08XV5T2 ONSEMI-NL17SV08XV5T2 Datasheet
50Kb / 5P
   Single 2?묲nput AND Gate
October, 2005 ??Rev. 4
MC74VHC1G02DTT1G ONSEMI-MC74VHC1G02DTT1G Datasheet
65Kb / 6P
   Single 2?묲nput NOR Gate
January, 2007 ??Rev. 17
NL17SZ00 ONSEMI-NL17SZ00_06 Datasheet
68Kb / 6P
   Single 2?묲nput NAND Gate
November, 2006 ??Rev. 5
NL17SZ08 ONSEMI-NL17SZ08_06 Datasheet
115Kb / 6P
   Single 2?묲nput AND Gate
March, 2006 ??Rev. 7
MC74HC1G08 ONSEMI-MC74HC1G08_07 Datasheet
85Kb / 6P
   Single 2?묲nput AND Gate
February, 2007 ??Rev. 11
MC10H117 ONSEMI-MC10H117_06 Datasheet
152Kb / 6P
   Dual 2?뭌ide 2???묲nput OR?묨ND/OR?묨ND Gate
February, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com