Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZRA250F03 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZRA250F03
Description  PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZRA250F03 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZRA250F03 Datasheet HTML 1Page - Zetex Semiconductors ZRA250F03 Datasheet HTML 2Page - Zetex Semiconductors ZRA250F03 Datasheet HTML 3Page - Zetex Semiconductors ZRA250F03 Datasheet HTML 4Page - Zetex Semiconductors ZRA250F03 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Note:
3%, 2% and 1% tolerance devices are
not recommended for new designs.
Refer to ZRC250
Part No
Tol%
Package
Partmark
ZRA250A03
3
E-Line
• ZRA25003
ZRA250A02
2
E-Line
• ZRA25002
ZRA250A01
1
E-Line
• ZRA25001
ZRA250A005
0.5
E-Line
• ZRA250005
ZRA250F03
3
SOT23
25A
ZRA250F02
2
SOT23
25
C
ZRA250F01
1
SOT23
25
B
ZRA250F005
0.5
SOT23
25Y
ZRA250N803
3
SO8
ZRA25003
ZRA250N802
2
SO8
ZRA25002
ZRA250N801
1
SO8
ZRA25001
ZRA250N8005
0.5
SO8
ZRA250005
Part No
Tol%
Package
Partmark
ZRA250R03
3
E-Line *
ZRA250R3
ZRA250R02
2
E-Line *
ZRA250R2
ZRA250R01
1
E-Line *
ZRA250R1
ZRA250R005
0.5
E-Line *
ZRA250R05
ZRA250Y03
3
E-Line †
ZRA25003
ZRA250Y02
2
E-Line †
ZRA25002
ZRA250Y01
1
E-Line †
ZRA25001
ZRA250Y005
0.5
E-Line †
ZRA250005
* E-Line 3 pin Reversed
† E-Line 2 pin
• E-Line 3 pin
ORDERING INFORMATION
ZRA250
4-236


Similar Part No. - ZRA250F03

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRA250F03 ZETEX-ZRA250F03 Datasheet
128Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
More results

Similar Description - ZRA250F03

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D DIODES-ZR25D Datasheet
65Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZR285-25 ZETEX-ZR285-25 Datasheet
82Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D ZETEX-ZR25D Datasheet
54Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR4040-2.5 DIODES-ZR4040-2.5 Datasheet
90Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZRA250 ZETEX-ZRA250 Datasheet
128Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR4040_2.5 DIODES-ZR4040_2.5 Datasheet
90Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZREF25 ZETEX-ZREF25 Datasheet
64Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040-25 ZETEX-ZR4040-25 Datasheet
66Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com