Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS3158 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLAS3158
Description  Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS3158 Datasheet(HTML) 3 Page - ON Semiconductor

  NLAS3158 Datasheet HTML 1Page - ON Semiconductor NLAS3158 Datasheet HTML 2Page - ON Semiconductor NLAS3158 Datasheet HTML 3Page - ON Semiconductor NLAS3158 Datasheet HTML 4Page - ON Semiconductor NLAS3158 Datasheet HTML 5Page - ON Semiconductor NLAS3158 Datasheet HTML 6Page - ON Semiconductor NLAS3158 Datasheet HTML 7Page - ON Semiconductor NLAS3158 Datasheet HTML 8Page - ON Semiconductor NLAS3158 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NLAS3158
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS (TA = −40°C to +85°C)
Symbol
Parameter
Test Conditions
VCC
(V)
TA = +255C
TA = −405C to +855C
Unit
Min
Typ
Max
Min
Max
VIH
HIGH Level
Input Voltage
1.65−1.95
2.3−5.5
0.75 VCC
0.7 VCC
V
VIL
LOW Level
Input Voltage
1.65−1.95
2.3−5.5
0.25 VCC
0.3 VCC
V
IIN
Input Leakage Current
0
v VIN v 5.5 V
0−5.5
"0.0
5
"0.1
"1
mA
IOFF
OFF State Leakage
Current
0
v A, B v VCC
1.65−5.5
"0.0
5
"0.1
"1
mA
RON
Switch On Resistance
(Note 3)
VIN = 0 V, IO = 30 mA
VIN = 2.4 V, IO = −30 mA
VIN = 4.5 V, IO = −30 mA
4.5
3.0
5.0
7.0
6.0
8.0
13
6.0
8.0
13
W
VIN = 0 V, IO = 24 mA
VIN = 3 V, IO = −24 mA
3.0
4.0
10
8.0
19
8.0
19
W
VIN = 0 V, IO = 8 mA
VIN = 2.3 V, IO = −8 mA
2.3
5.0
13
9.0
24
9.0
24
W
VIN = 0 V, IO = 4 mA
VIN = 1.65 V, IO = −4 mA
1.65
6.5
17
12
39
12
39
W
ICC
Quiescent Supply
Current
All Channels ON or
OFF
VIN = VCC or GND
IOUT = 0
5.5
1.0
10
mA
Analog Signal Range
VCC
0
VCC
0
VCC
V
RRANGE
On Resistance
Over Signal Range
(Note 3) (Note 7)
IA = −30 mA, 0 v VBn v VCC
IA = −24 mA, 0 v VBn v VCC
IA = −8 mA, 0 v VBn v VCC
IA = −4 mA, 0 v VBn v VCC
4.5
3.0
2.3
1.65
25
50
100
300
W
DRON
On Resistance Match
Between Channels
(Note 3) (Note 4)
(Note 5)
IA = −30 mA, VBn = 3.15
IA = −24 mA, VBn = 2.1
IA = −8 mA, VBn = 1.6
IA = −4 mA, VBn = 1.15
4.5
3.0
2.3
1.65
0.15
0.2
0.5
0.5
W
Rflat
On Resistance
Flatness (Note 3)
(Note 4) (Note 6)
IA = −30 mA, 0 v VBn v VCC
IA = −24 mA, 0 v VBn v VCC
IA = −8 mA, 0 v VBn v VCC
IA = −4 mA, 0 v VBn v VCC
5.0
3.3
2.5
1.8
5.0
10
24
110
W
3. Measured by the voltage drop between A and B pins at the indicated current through the switch. On Resistance is determined by the lower
of the voltages on the two (A or B Ports).
4. Parameter is characterized but not tested in production.
5.
DRON = RON max − RON min measured at identical VCC, temperature and voltage levels.
6. Flatness is defined as the difference between the maximum and minimum value of On Resistance over the specified range of conditions.
7. Guaranteed by Design.


Similar Part No. - NLAS3158

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS3158 ONSEMI-NLAS3158 Datasheet
88Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
March, 2005 ??Rev. 0
NLAS3158 ONSEMI-NLAS3158 Datasheet
101Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
November, 2015 ??Rev. 2
NLAS3158MNR2G ONSEMI-NLAS3158MNR2G Datasheet
88Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
March, 2005 ??Rev. 0
NLAS3158MNR2G ONSEMI-NLAS3158MNR2G Datasheet
101Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
November, 2015 ??Rev. 2
NLAS3158 ONSEMI-NLAS3158_15 Datasheet
101Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
November, 2015 ??Rev. 2
More results

Similar Description - NLAS3158

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS3158 ONSEMI-NLAS3158 Datasheet
88Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
March, 2005 ??Rev. 0
NLAS3158 ONSEMI-NLAS3158_15 Datasheet
101Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
November, 2015 ??Rev. 2
logo
Texas Instruments
TS3A24159 TI-TS3A24159_08 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI1-TS3A24159_14 Datasheet
1Mb / 31P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_09 Datasheet
768Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI1-TS3A24157_14 Datasheet
1Mb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_1 Datasheet
756Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157 Datasheet
790Kb / 25P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_15 Datasheet
1,017Kb / 26P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI-TS3A24159 Datasheet
476Kb / 21P
[Old version datasheet]   0.3-W DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com