Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS3158MNR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NLAS3158MNR2G
Description  Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS3158MNR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NLAS3158MNR2G Datasheet HTML 4Page - ON Semiconductor NLAS3158MNR2G Datasheet HTML 5Page - ON Semiconductor NLAS3158MNR2G Datasheet HTML 6Page - ON Semiconductor NLAS3158MNR2G Datasheet HTML 7Page - ON Semiconductor NLAS3158MNR2G Datasheet HTML 8Page - ON Semiconductor NLAS3158MNR2G Datasheet HTML 9Page - ON Semiconductor NLAS3158MNR2G Datasheet HTML 10Page - ON Semiconductor NLAS3158MNR2G Datasheet HTML 11Page - ON Semiconductor NLAS3158MNR2G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NLAS3158
http://onsemi.com
8
Figure 5. Charge Injection Test
RL
1 M
W
CL
100 pF
VOUT
LOGIC
INPUT
A
S
BN
RGEN
VGE
Q = (
DVOUT)(CL)
DVOUT
ON
OFF
OFF
VOUT
LOGIC
INPUT
Figure 6. Off Isolation
Figure 7. Crosstalk
S
BN
LOGIC INPUT
0 V or VIH
10 nF
VCC
Analyzer
A
GND
50
W
50
W
S
B0
10 nF
VCC
Analyzer
A
GND
50
W
Signal
Generator
0 dBm
50
W
B1
Figure 8. Channel Off Capacitance
Figure 9. Channel On Capacitance
Figure 10. Bandwidth
S
BN
10 nF
VCC
A
GND
Signal
Generator
0 dBm
50
W
LOGIC INPUT
0 V or VCC
S
BN
LOGIC INPUT
0 V or VCC
10 nF
VCC
A
GND
Capacitance
Meter
S
BN
LOGIC INPUT
0 V or VCC
10 nF
VCC
A
GND
Capacitance
Meter
f = 1 MHz
f = 1 MHz
AC LOADING AND WAVEFORMS


Similar Part No. - NLAS3158MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS3158MNR2G ONSEMI-NLAS3158MNR2G Datasheet
88Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
March, 2005 ??Rev. 0
NLAS3158MNR2G ONSEMI-NLAS3158MNR2G Datasheet
101Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
November, 2015 ??Rev. 2
More results

Similar Description - NLAS3158MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS3158 ONSEMI-NLAS3158 Datasheet
88Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
March, 2005 ??Rev. 0
NLAS3158 ONSEMI-NLAS3158_15 Datasheet
101Kb / 12P
   Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
November, 2015 ??Rev. 2
logo
Texas Instruments
TS3A24159 TI-TS3A24159_08 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI1-TS3A24159_14 Datasheet
1Mb / 31P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_09 Datasheet
768Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI1-TS3A24157_14 Datasheet
1Mb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_1 Datasheet
756Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157 Datasheet
790Kb / 25P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_15 Datasheet
1,017Kb / 26P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI-TS3A24159 Datasheet
476Kb / 21P
[Old version datasheet]   0.3-W DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com