Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS4051 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NLAS4051
Description  Analog Multiplexer/ Demultiplexer TTL Compatible, Single-Pole, 8-Position Plus Common Off
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4051 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NLAS4051 Datasheet HTML 3Page - ON Semiconductor NLAS4051 Datasheet HTML 4Page - ON Semiconductor NLAS4051 Datasheet HTML 5Page - ON Semiconductor NLAS4051 Datasheet HTML 6Page - ON Semiconductor NLAS4051 Datasheet HTML 7Page - ON Semiconductor NLAS4051 Datasheet HTML 8Page - ON Semiconductor NLAS4051 Datasheet HTML 9Page - ON Semiconductor NLAS4051 Datasheet HTML 10Page - ON Semiconductor NLAS4051 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NLAS4051
http://onsemi.com
8
90%
90%
50%
50%
Output
Input
0 V
35 pF
Enable
Input
Open
DUT
Output
90%
GND
Output
GND
Input
35 pF
Output
Address Select Pin
DUT
300
W
VCC
VCC
90% of VOH
tON
tOFF
VOH
VCC
0.1
mF
tBMM
VOUT
GND
VCC
300
W
VOUT
0.1
mF
Figure 19. tBBM (Time Break−Before−Make)
Figure 20. tON/tOFF
50%
50%
10%
10%
0 V
Input
Output
35 pF
Output
Enable
Input
Open
DUT
VCC
tON
tOFF
VCC
300
W
VOUT
VCC
VOL
Figure 21. tON/tOFF


Similar Part No. - NLAS4051

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4051S ONSEMI-NLAS4051S Datasheet
158Kb / 11P
   Analog Multiplexer/ Demultiplexer
May, 2008 ??Rev. 0
NLAS4051SDTR2G ONSEMI-NLAS4051SDTR2G Datasheet
158Kb / 11P
   Analog Multiplexer/ Demultiplexer
May, 2008 ??Rev. 0
More results

Similar Description - NLAS4051

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4051 STMICROELECTRONICS-M74HC4051_08 Datasheet
361Kb / 17P
   Single 8-channel analog multiplexer/demultiplexer
HCF4051B STMICROELECTRONICS-HCF4051B_02 Datasheet
543Kb / 10P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HC4051 STMICROELECTRONICS-M74HC4051 Datasheet
232Kb / 12P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HCT4051 STMICROELECTRONICS-M74HCT4051 Datasheet
309Kb / 14P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Fairchild Semiconductor
CD4052BCMX FAIRCHILD-CD4052BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Maxim Integrated Produc...
DG528529 MAXIM-DG528529 Datasheet
31Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG MULTIPLEXER
19-0063 Rev. C
logo
Texas Instruments
CD4051B TI1-CD4051B_15 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com