Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS4501DTT1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NLAS4501DTT1G
Description  Single SPST Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4501DTT1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NLAS4501DTT1G Datasheet HTML 2Page - ON Semiconductor NLAS4501DTT1G Datasheet HTML 3Page - ON Semiconductor NLAS4501DTT1G Datasheet HTML 4Page - ON Semiconductor NLAS4501DTT1G Datasheet HTML 5Page - ON Semiconductor NLAS4501DTT1G Datasheet HTML 6Page - ON Semiconductor NLAS4501DTT1G Datasheet HTML 7Page - ON Semiconductor NLAS4501DTT1G Datasheet HTML 8Page - ON Semiconductor NLAS4501DTT1G Datasheet HTML 9Page - ON Semiconductor NLAS4501DTT1G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NLAS4501
http://onsemi.com
6
35.0
30.0
20.0
25.0
15.0
10.0
0.0
35
20
40
15
25
0
45
12
0
60
0.6
30
0.4
0.2
0
VCOM (VOLTS)
Figure 8. RON vs. VCOM and VCC (@255C)
Figure 9. RON vs. VCOM and Temperature,
VCC = 2.0 V
0
30
25
20
15
1.2
0.9
0.6
10
5
0
0.3
1.5 1.8
3
Figure 10. RON vs. VCOM and Temperature,
VCC = 2.5 V
VCOM (VOLTS)
Figure 11. RON vs. VCOM and Temperature,
VCC = 3.0 V
VCOM (VOLTS)
Figure 12. RON vs. VCOM and Temperature,
VCC = 4.5 V
VCC (V)
80
2.0
5.5
5.0
4.5
3.0
0 0.2
2.4
0
1.6 2
1.2
0.8
2.4
0.4
2.8
8
14
6
10
0
16
18
−55°C
tON
VIS (VOLTS)
10
20
40
50
70
12
10
0.8
1.2 1.4 1.6 1.8
5
30
0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2
2.1 2.4 2.7
4
2
3.2 3.6 4
4.4
5.0
25°C
85°C
125°C
−55°C
25°C
85°C
125°C
tOFF
−55°C
25°C
85°C
125°C
−55°C
25°C
85°C
125°C
0
2
2.5
1.5
13
0.5
3.5
4
4.5
5
VCC = 2.0
VCC = 2.5
VCC = 3.0
VCC = 4.5
20
30
10
0
40
50
60
70
80
VCOM (VOLTS)
0
0.6
0.4
0.2
−55°C
VIS (VOLTS)
12
0.8
1.2 1.4 1.6 1.8
25°C
85°C
125°C
Figure 13. Switching Time vs. Supply Voltage,
T = 255C


Similar Part No. - NLAS4501DTT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4599 ONSEMI-NLAS4599 Datasheet
100Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
June, 2006 ??Rev. 9
NLAS4599 ONSEMI-NLAS4599 Datasheet
132Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
March, 2011 ??Rev. 11
NLAS4599DFT2 ONSEMI-NLAS4599DFT2 Datasheet
100Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
June, 2006 ??Rev. 9
NLAS4599DFT2 ONSEMI-NLAS4599DFT2 Datasheet
132Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
March, 2011 ??Rev. 11
NLAS4599DFT2G ONSEMI-NLAS4599DFT2G Datasheet
100Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
June, 2006 ??Rev. 9
More results

Similar Description - NLAS4501DTT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAST4501 ONSEMI-NLAST4501_06 Datasheet
103Kb / 10P
   Single SPST Analog Switch
May, 2006 ??Rev. 4
NLAST4501 ONSEMI-NLAST4501 Datasheet
83Kb / 10P
   Single SPST Analog Switch
November, 2003 ??Rev. 2
logo
Texas Instruments
TS5A4597 TI1-TS5A4597_14 Datasheet
704Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
MAX4594 TI-MAX4594_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
TS5A4594 TI1-TS5A4594_14 Datasheet
883Kb / 22P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
MAX4596 TI-MAX4596_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4597 TI-MAX4597_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597_15 Datasheet
685Kb / 17P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
MAX4595 TI-MAX4595_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4595DBVR TI-MAX4595DBVR Datasheet
693Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10-??SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com