Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS4684FCT1G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NLAS4684FCT1G
Description  Ultra-Low Resistance Dual SPDT Analog Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4684FCT1G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NLAS4684FCT1G Datasheet HTML 6Page - ON Semiconductor NLAS4684FCT1G Datasheet HTML 7Page - ON Semiconductor NLAS4684FCT1G Datasheet HTML 8Page - ON Semiconductor NLAS4684FCT1G Datasheet HTML 9Page - ON Semiconductor NLAS4684FCT1G Datasheet HTML 10Page - ON Semiconductor NLAS4684FCT1G Datasheet HTML 11Page - ON Semiconductor NLAS4684FCT1G Datasheet HTML 12Page - ON Semiconductor NLAS4684FCT1G Datasheet HTML 13Page - ON Semiconductor NLAS4684FCT1G Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
NLAS4684
http://onsemi.com
10
0.1
0.12
0.14
0.16
0.18
0.2
0.22
0.24
0.26
0.0
1.0
2.0
3.0
4.0
5.0
+85
°C
+25
°C
−40
°C
Figure 21. NC On−Resistance versus
COM Voltage
VCOM (V)
VCC = 5 V
ICOM = 100 mA
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.0
1.0
2.0
3.0
4.0
5.0
+85
°C
+25
°C
−40
°C
Figure 22. NO On−Resistance versus
COM Voltage
VCOM (V)
VCC = 5 V
ICOM = 100 mA
Figure 23. NC Bandwidth and Phase Shift
versus Frequency
Figure 24. NO Bandwidth and Phase Shift
versus Frequency
Figure 25. NC Off Isolation and Crosstalk
Figure 26. NO Off Isolation and Crosstalk
FREQUENCY (MHz)
0.01
100
10
1.0
0.1
0
−10
Bandwidth (On − Loss)
Phase Shift
(Degrees)
0.001
0
−1
VCC = 3.0 V
TA = 25°C
10
−10
FREQUENCY (MHz)
0.01
100
10
1.0
0.1
0
−10
Bandwidth (On − Loss)
Phase Shift
(Degrees)
0.001
0
−1
VCC = 3.0 V
TA = 25°C
10
−10
FREQUENCY (MHz)
0.01
100
10
1.0
0.1
NC Off−Isolation
Crosstalk
0.001
VCC = 3.0 V
TA = 25°C
0
−10
−100
FREQUENCY (MHz)
0.01
100
10
1.0
0.1
NO Off−Isolation
Crosstalk
0.001
VCC = 3.0 V
TA = 25°C
0
−10
−100


Similar Part No. - NLAS4684FCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4684FCT1G ONSEMI-NLAS4684FCT1G Datasheet
179Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
September, 2008 ??Rev. 20
More results

Similar Description - NLAS4684FCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4685 ONSEMI-NLAS4685 Datasheet
93Kb / 10P
   Ultra-Low Resistance Dual SPDT Analog Switch
August, 2005 ??Rev. 2
NS5A4684SMNTBG ONSEMI-NS5A4684SMNTBG Datasheet
139Kb / 8P
   Ultra-Low Resistance Dual SPDT Analog Switch
March, 2013 ??Rev. 1
NLAS4684 ONSEMI-NLAS4684_08 Datasheet
179Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
September, 2008 ??Rev. 20
logo
SG Micro Corp
SGM5223 SGMICRO-SGM5223_15 Datasheet
326Kb / 11P
   Ultra Low ON-Resistance Dual SPDT Analog Switch
SGM2268 SGMICRO-SGM2268_15 Datasheet
342Kb / 11P
   Ultra Low ON-Resistance Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM2268 UNIONSEMI-UM2268_16 Datasheet
506Kb / 11P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
SG Micro Corp
SGM2267 SGMICRO-SGM2267 Datasheet
362Kb / 12P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
AiT Semiconductor Inc.
A4714 AITSEMI-A4714 Datasheet
572Kb / 9P
   DUAL SPDT ANALOG SWITCH ULTRA LOW ON-RESISTANCE LOW VOLTAGE
REV1.1
A4716 AITSEMI-A4716 Datasheet
590Kb / 10P
   DUAL SPDT ANALOG SWITCH ULTRA LOW ON-RESISTANCE, LOW VOLTAGE
REV1.0
logo
SG Micro Corp
SGM3005 SGMICRO-SGM3005 Datasheet
547Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Dual, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com