Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS4684MR2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NLAS4684MR2
Description  Ultra-Low Resistance Dual SPDT Analog Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4684MR2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NLAS4684MR2 Datasheet HTML 2Page - ON Semiconductor NLAS4684MR2 Datasheet HTML 3Page - ON Semiconductor NLAS4684MR2 Datasheet HTML 4Page - ON Semiconductor NLAS4684MR2 Datasheet HTML 5Page - ON Semiconductor NLAS4684MR2 Datasheet HTML 6Page - ON Semiconductor NLAS4684MR2 Datasheet HTML 7Page - ON Semiconductor NLAS4684MR2 Datasheet HTML 8Page - ON Semiconductor NLAS4684MR2 Datasheet HTML 9Page - ON Semiconductor NLAS4684MR2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NLAS4684
http://onsemi.com
6
Figure 3. tBBM (Time Break−Before−Make)
Output
DUT
50
W
35 pF
VCC
Switch Select Pin
90%
Output
Input
VCC
GND
90% of VOH
GND
Figure 4. tON/tOFF
50%
50%
90%
90%
tON
tOFF
VOH
Output
Input
VCC
0 V
Figure 5. tON/tOFF
DUT
Open
35 pF
VCC
Input
50%
50%
10%
tON
tOFF
Output
Input
VCC
0 V
10%
50
W
0.1
mF
tBMM
Output
VOUT
VOL
VOUT
VOH
VOL
DUT
Open
VCC
Input
Output
50
W
35 pF
VOUT
0.1
mF


Similar Part No. - NLAS4684MR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4684MR2 ONSEMI-NLAS4684MR2 Datasheet
179Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
September, 2008 ??Rev. 20
NLAS4684MR2G ONSEMI-NLAS4684MR2G Datasheet
179Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
September, 2008 ??Rev. 20
More results

Similar Description - NLAS4684MR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4685 ONSEMI-NLAS4685 Datasheet
93Kb / 10P
   Ultra-Low Resistance Dual SPDT Analog Switch
August, 2005 ??Rev. 2
NS5A4684SMNTBG ONSEMI-NS5A4684SMNTBG Datasheet
139Kb / 8P
   Ultra-Low Resistance Dual SPDT Analog Switch
March, 2013 ??Rev. 1
NLAS4684 ONSEMI-NLAS4684_08 Datasheet
179Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
September, 2008 ??Rev. 20
logo
SG Micro Corp
SGM5223 SGMICRO-SGM5223_15 Datasheet
326Kb / 11P
   Ultra Low ON-Resistance Dual SPDT Analog Switch
SGM2268 SGMICRO-SGM2268_15 Datasheet
342Kb / 11P
   Ultra Low ON-Resistance Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM2268 UNIONSEMI-UM2268_16 Datasheet
506Kb / 11P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
SG Micro Corp
SGM2267 SGMICRO-SGM2267 Datasheet
362Kb / 12P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
AiT Semiconductor Inc.
A4714 AITSEMI-A4714 Datasheet
572Kb / 9P
   DUAL SPDT ANALOG SWITCH ULTRA LOW ON-RESISTANCE LOW VOLTAGE
REV1.1
A4716 AITSEMI-A4716 Datasheet
590Kb / 10P
   DUAL SPDT ANALOG SWITCH ULTRA LOW ON-RESISTANCE, LOW VOLTAGE
REV1.0
logo
SG Micro Corp
SGM3005 SGMICRO-SGM3005 Datasheet
547Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Dual, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com