Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS4717FCT1G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NLAS4717FCT1G
Description  4.5 ohm High Bandwidth, Dual SPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4717FCT1G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NLAS4717FCT1G Datasheet HTML 2Page - ON Semiconductor NLAS4717FCT1G Datasheet HTML 3Page - ON Semiconductor NLAS4717FCT1G Datasheet HTML 4Page - ON Semiconductor NLAS4717FCT1G Datasheet HTML 5Page - ON Semiconductor NLAS4717FCT1G Datasheet HTML 6Page - ON Semiconductor NLAS4717FCT1G Datasheet HTML 7Page - ON Semiconductor NLAS4717FCT1G Datasheet HTML 8Page - ON Semiconductor NLAS4717FCT1G Datasheet HTML 9Page - ON Semiconductor NLAS4717FCT1G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NLAS4717
http://onsemi.com
8
Channel switch control/s test socket is normalized. Off isolation is measured across an off channel. On loss is
the bandwidth of an On switch. VISO, Bandwidth and VONL are independent of the input signal direction.
VISO = Off Channel Isolation = 20 Log
for VIN at 100 kHz
VONL = On Channel Loss = 20 Log
for VIN at 100 kHz to 50 MHz
Bandwidth (BW) = the frequency 3.0 dB below VONL
VCT = Use VISO setup and test to all other switch analog input/outputs terminated with 50 W
VOUT
VIN
VOUT
VIN
Output
DUT
Input
50
W
50
W Generator
Reference
Transmitted
Figure 13. Off Channel Isolation/On Channel Loss (BW)/Crosstalk
(On Channel to Off Channel)/VONL
50
W
Off
On
Off
DVOUT
VCC
GND
Output
VIN
CL
DUT
Figure 14. Charge Injection: (Q)
VIN
Open
Output


Similar Part No. - NLAS4717FCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP Datasheet
1Mb / 6P
   Integrated Solutions for USB Line Protection and Termination
Rev.4, Feb-2007
NLAS4717EP ONSEMI-NLAS4717EP Datasheet
88Kb / 10P
   4.5 ohm High Bandwidth, Dual SPDT Analog Switch
March, 2006 ??Rev. 5
NLAS4717EP ONSEMI-NLAS4717EP Datasheet
139Kb / 10P
   4.5 High Bandwidth, Dual SPDT Analog Switch
October, 2011 ??Rev. 7
NLAS4717EPFCT1G ONSEMI-NLAS4717EPFCT1G Datasheet
88Kb / 10P
   4.5 ohm High Bandwidth, Dual SPDT Analog Switch
March, 2006 ??Rev. 5
NLAS4717EPFCT1G ONSEMI-NLAS4717EPFCT1G Datasheet
139Kb / 10P
   4.5 High Bandwidth, Dual SPDT Analog Switch
October, 2011 ??Rev. 7
More results

Similar Description - NLAS4717FCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP Datasheet
88Kb / 10P
   4.5 ohm High Bandwidth, Dual SPDT Analog Switch
March, 2006 ??Rev. 5
logo
Union Semiconductor, In...
UM4258Q UNIONSEMI-UM4258Q_16 Datasheet
446Kb / 14P
   4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
UM4717 UNIONSEMI-UM4717_16 Datasheet
477Kb / 16P
   4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS4717EP ONSEMI-NLAS4717EP_11 Datasheet
139Kb / 10P
   4.5 High Bandwidth, Dual SPDT Analog Switch
October, 2011 ??Rev. 7
logo
Integrated Device Techn...
IDTUS4717 IDT-IDTUS4717 Datasheet
275Kb / 14P
   4.5 OHM LOW VOLTAGE, HIGH BANDWIDTH, DUAL SPDT ANALOG SWITCH
logo
Union Semiconductor, In...
UM4717 UNIONSEMI-UM4717 Datasheet
433Kb / 16P
   4.5廓 300MHz Bandwidth Dual SPDT Analog Switch
logo
SG Micro Corp
SGM4717 SGMICRO-SGM4717 Datasheet
535Kb / 11P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
SGM4717EP SGMICRO-SGM4717EP Datasheet
434Kb / 10P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
SGM4717YD SGMICRO-SGM4717YD Datasheet
470Kb / 10P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM4258Q UNIONSEMI-UM4258Q Datasheet
309Kb / 14P
   4.5廓 300MHz Bandwidth Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com