Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZRB500Y01 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZRB500Y01
Description  Precision 5V micropower voltage reference
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZRB500Y01 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZRB500Y01 Datasheet HTML 1Page - Zetex Semiconductors ZRB500Y01 Datasheet HTML 2Page - Zetex Semiconductors ZRB500Y01 Datasheet HTML 3Page - Zetex Semiconductors ZRB500Y01 Datasheet HTML 4Page - Zetex Semiconductors ZRB500Y01 Datasheet HTML 5Page - Zetex Semiconductors ZRB500Y01 Datasheet HTML 6Page - Zetex Semiconductors ZRB500Y01 Datasheet HTML 7Page - Zetex Semiconductors ZRB500Y01 Datasheet HTML 8Page - Zetex Semiconductors ZRB500Y01 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ZRB500
Issue 5 - May 2006
5
www.zetex.com
© Zetex Semiconductors plc 2006
Typical characteristics
Temperature (°C)
Reference Current (mA)
Frequency (kHz)
Temperature Drift
Slope Resistance v Current
Time (
µs)
0500
-40
100
0.1
Slope Resistance v Frequency
-20
0
20
40
60
80
Forward Characteristics
Forward Current (mA)
0.1
1
10
100
1000
IR=150
µAto 15mA
1
0.1
10
100
1000
10
100
1
0.1
0.01
01
2
3
4
1000
Time (
µs)
IR=150
µA
IR=5mA
0.4
0.6
0.8
1.0
1.2
1.4
1.6
TA=25°C
TA=-40°C
TA=85°C
0
10
0
4.0
6.0
4.96
5.02
5.00
4.98
0
2.0
3.0
1.0
110
2.0
0
10
0
4.0
6.0
2.0
Transient Response
(Single Pulse)
Transient Response
(Repetitive Pulse)
VIN
VR
33K
150
µA
5mA
150
µA
1K
5mA
33K
150
µA
1K
5mA
VIN
VR


Similar Part No. - ZRB500Y01

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRB500Y01 ZETEX-ZRB500Y01 Datasheet
143Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
More results

Similar Description - ZRB500Y01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
   5V MICROPOWER PRECISION REFERENCE
logo
Sipex Corporation
SPX385-5.0 SIPEX-SPX385-5.0 Datasheet
137Kb / 8P
   5V Micropower Voltage Reference
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675 Datasheet
131Kb / 4P
   5V Precision Voltage Reference
1996
logo
Burr-Brown (TI)
REF02 BURR-BROWN-REF02 Datasheet
317Kb / 12P
   5V Precision VOLTAGE REFERENCE
logo
Texas Instruments
REF02BU TI-REF02BU Datasheet
869Kb / 15P
[Old version datasheet]   5V Precision VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675_V01 Datasheet
335Kb / 5P
   5V Precision Voltage Reference
2004
logo
Advanced Monolithic Sys...
AMSREF-02 ADMOS-AMSREF-02 Datasheet
55Kb / 6P
   5V PRECISION VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675_04 Datasheet
335Kb / 5P
   5V Precision Voltage Reference
Rev 2; 7/04
logo
Texas Instruments
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com