Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSM380 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZSM380
Description  SUPPLY VOLTAGE MONITOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZSM380 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZSM380 Datasheet HTML 1Page - Zetex Semiconductors ZSM380 Datasheet HTML 2Page - Zetex Semiconductors ZSM380 Datasheet HTML 3Page - Zetex Semiconductors ZSM380 Datasheet HTML 4Page - Zetex Semiconductors ZSM380 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Issue
3 - July 2006
www.zetex.com
© Zetex Semiconductors plc 2006
TEST CONDITIONS
(Tamb=25°C for typical values, Tamb=-40 to 85°C for min/max values (Note3))
COMPARATOR
PARAMETER
SYMBOL
MIN
TYP.
MAX.
UNITS
Threshold Voltage
High state output (Vcc increasing)
VIH
3.7
3.81
3.9
V
Threshold Voltage
Low state output (Vcc decreasing)
VIL
3.7
3.79
3.9
V
Hysteresis
VH
0.01
0.02
0.05
V
OUPUT
Output sink saturation:
VOL
(Vcc=3.3V, Isink=8.0mA)
0.46
1.0
V
(Vcc=3.3V, Isink=2.0mA)
0.15
0.4
V
(Vcc=1.0V, Isink=0.1mA)
0.25
V
Onstate output sink current
(Vcc , Output=3.3V)
Isink
10
27
60
mA
Offstate output leakage current
(Vcc , Output=5V)
Ioh
0.02
0.5
µA
Clamp diode forward voltage
(If=10mA)
Vf
0.61.2
1.5V
Propagation delay
(Vin 5V to 3.3V, Rl=10k, Tamb=25°C)
Td
3
µs
TOTAL DEVICE
Operating input voltage range
Vcc
1.0 to 6.5
V
Quiescent input current (Vcc=5V)
Iq
140
200
µA
Note:
1. Maximum package power dissipation must be observed.
2. Maximum power dissipation for the SOT223 package is calculated assuming that the device is
mounted on a PCB measuring 2 inches square.
3. Low duty cycle pulse techniques are used during test to maintain junction temperatures as
close to ambient as possible.
ZSM380
ABSOLUTE MAXIMUM RATING
Input Supply Voltage
-1 to 10V
Offstate Output Voltage
10V
Onstate Output
Sink Current(Note 1)
Internally limited
Clamp Diode
Forward Current(Note 1)100mA
Operating Junction
Temperature
150°C
Operating Temperature
-40 to 85°C
Storage Temperature
-55 to 150°C
Power Dissipation
TO92
780mW
SOT223
2W(Note 2)
4-350


Similar Part No. - ZSM380

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZSM380 ZETEX-ZSM380 Datasheet
115Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM380C ZETEX-ZSM380C Datasheet
115Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM380G ZETEX-ZSM380G Datasheet
115Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM380N8 ZETEX-ZSM380N8 Datasheet
115Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results

Similar Description - ZSM380

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZSM330 ZETEX-ZSM330 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530 Datasheet
140Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM560 ZETEX-ZSM560 Datasheet
136Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33064 ZETEX-ZM33064 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSH560 ZETEX-ZSH560_03 Datasheet
92Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM330 ZETEX-ZSM330_06 Datasheet
415Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com