Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZTL431AZTA Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZTL431AZTA
Description  Cost effective adjustable precision shunt regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZTL431AZTA Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZTL431AZTA Datasheet HTML 1Page - Zetex Semiconductors ZTL431AZTA Datasheet HTML 2Page - Zetex Semiconductors ZTL431AZTA Datasheet HTML 3Page - Zetex Semiconductors ZTL431AZTA Datasheet HTML 4Page - Zetex Semiconductors ZTL431AZTA Datasheet HTML 5Page - Zetex Semiconductors ZTL431AZTA Datasheet HTML 6Page - Zetex Semiconductors ZTL431AZTA Datasheet HTML 7Page - Zetex Semiconductors ZTL431AZTA Datasheet HTML 8Page - Zetex Semiconductors ZTL431AZTA Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ZTL431, ZTL432
Issue 8 - April 2007
3
www.zetex.com
© Zetex Semiconductors plc 2007
Recommended operating conditions
Electrical characteristics
Electrical characteristics over recommended operating conditions, TA = 25°C, unless otherwise stated.
Min
Max
Units
VKA
Cathode voltage
Vref
20
V
IKA
Cathode current
1
100
mA
TA
Operating ambient temperature range
-40
125
°C
Symbol Parameter
Conditions
Min.
Typ.
Max.
Units
VREF
Reference voltage
VKA = VREF
IKA = 10mA
ZTL43_A
2.475
2.5
2.525
V
ZTL43_B
2.487
2.5
2.513
VDEV
Deviation of reference
voltage over full
temperature range
VKA = VREF
IKA = 10 mA
TA = 0 to 70°
6
16
mV
TA = -40 to 85°C
14
34
TA = -40 to 125°C
14
34
ΔV
REF
ΔV
KA
Ratio of change in
reference voltage
to the change in
cathode voltage
IKA = 10mA
VKA = VREF to 10
-1.4
-2.7
mV/V
VKA = 10V to 20V
-1.0
-2.0
IREF
Reference input
current
IKA = 10mA, R1 = 10k
R2 = OC
24
µA
ΔI
REF
IREF deviation over full
temperature range
IKA = 10mA
R1 = 10k
R2 = OC
TA = 0 to 70°C
0.8
1.2
µA
TA = -40 to 85°C
0.8
2.5
TA = -40 to 125°C
0.8
2.5
IKA(MIN) Minimum cathode
current for regulation
VKA = VREF
0.4
0.6
mA
IKA(OFF) Off state current
VKA = 20V, VREF = 0V
0.1
0.5
µA
RZ
Dynamic output
impedance
VKA = VREF, f = 0Hz
0.2
0.5


Similar Part No. - ZTL431AZTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTL431ACSTZ ZETEX-ZTL431ACSTZ Datasheet
433Kb / 12P
   Cost effective adjustable precision shunt regulator
ZTL431AE5TA ZETEX-ZTL431AE5TA Datasheet
433Kb / 12P
   Cost effective adjustable precision shunt regulator
logo
Diodes Incorporated
ZTL431AE5TA DIODES-ZTL431AE5TA Datasheet
170Kb / 9P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
ZTL431AE5TA DIODES-ZTL431AE5TA Datasheet
445Kb / 12P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Zetex Semiconductors
ZTL431AFFTA ZETEX-ZTL431AFFTA Datasheet
433Kb / 12P
   Cost effective adjustable precision shunt regulator
More results

Similar Description - ZTL431AZTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZTL431 DIODES-ZTL431_17 Datasheet
445Kb / 12P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Zetex Semiconductors
ZTL431 ZETEX-ZTL431_08 Datasheet
433Kb / 12P
   Cost effective adjustable precision shunt regulator
logo
Diodes Incorporated
ZTL431 DIODES-ZTL431 Datasheet
170Kb / 9P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Zetex Semiconductors
TLV431 ZETEX-TLV431_08 Datasheet
813Kb / 16P
   1.24V Cost effective shunt regulator
logo
Diodes Incorporated
ZTLV431 DIODES-ZTLV431 Datasheet
296Kb / 8P
   1.24V Cost effective shunt regulator
TLV431 DIODES-TLV431 Datasheet
895Kb / 14P
   1.24V COST EFFECTIVE SHUNT REGULATOR
logo
Zetex Semiconductors
ZTLV431 ZETEX-ZTLV431_07 Datasheet
224Kb / 8P
   1.24V Cost effective shunt regulator
ZTLV431 ZETEX-ZTLV431 Datasheet
199Kb / 8P
   1.24V Cost effective shunt regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com